Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4747 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4747
Description  50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4747 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4747_06 Datasheet HTML 1Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 2Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 3Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 4Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 5Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 6Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 7Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 8Page - Maxim Integrated Products MAX4747_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
50
Ω, Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
_______________________________________________________________________________________
5
Note 3:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used
in this data sheet.
Note 4:
UCSP parts are 100% tested at +25°C only, and are guaranteed by design over temperature. TSSOP and Thin QFN parts
are 100% tested at +85°C and guaranteed by design over temperature.
Note 5:
∆RON = RON(MAX) - RON(MIN).
Note 6:
UCSP and Thin QFN on-resistance matching between channels is guaranteed by design.
Note 7:
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 8:
Guaranteed by design.
Note 9:
Off-isolation = 20 log10 (VNO_/VCOM_), VNO_ = output, VCOM_ = input to off switch.
Note 10: Between any two switches.
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +5V, TA = +25°C.)
(Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Crosstalk (Note 10)
VCT
f = 1MHz, VNO_ = 1VRMS,
RL = 50
Ω, CL = 5pF, Figure 6
+25°C
-84
dB
NO_ or NC_ Off-Capacitance
COFF
f = 1MHz, Figure 7
+25°C20
pF
COM_ Off-Capacitance
CCOM_(OFF) f = 1MHz, Figure 7
+25°C20
pF
COM_ On-Capacitance
CCOM_(ON) f = 1MHz, Figure 7
+25°C40
pF
LOGIC INPUT
Input Logic High
VIH
2V
Input Logic Low
VIL
0.8
V
Input Leakage Current
IIN
VIN_ = 0V or V+
-1
+0.005
+1
µA
POWER SUPPLY
Power-Supply Range
V+
2
11
V
Positive Supply Current
I+
V+ = +5.5V, VIN_ = 0V or V+,
all switches on or off
0.0001
1µA
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM
VCOM (V)
10
8
6
4
2
10
20
30
40
50
0
012
V+ = 2V
V+ = 3V
V+ = 5V
V+ = 11V
ON-RESISTANCE vs. VCOM
VCOM (V)
4
3
2
1
4
8
12
16
0
05
V+ = 5V
TA = +25
°C
TA = -40
°C
TA = +85
°C
ON-RESISTANCE vs. VCOM
VCOM (V)
2.5
2.0
1.5
1.0
0.5
5
10
15
20
25
30
0
03.0
TA = +85
°C
TA = +25
°C
TA = -40
°C
V+ = 3V


Similar Part No. - MAX4747_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747EBE-T MAXIM-MAX4747EBE-T Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747ETE MAXIM-MAX4747ETE Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747ETE++ MAXIM-MAX4747ETE+ Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4747EUD MAXIM-MAX4747EUD Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747EUD++ MAXIM-MAX4747EUD+ Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results

Similar Description - MAX4747_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com