Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4750ETE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4750ETE
Description  50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4750ETE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4750ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 9Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 10Page - Maxim Integrated Products MAX4750ETE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
50
Ω, Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
_______________________________________________________________________________________
7
Pin Description—UCSP
PIN
MAX4747
MAX4748
MAX4749
MAX4750
NAME
FUNCTION
B1, A2, C4, D2
——
NO1–NO4
Analog-Switch Normally Open Terminals
B1, A2, C4, D2
——
NC1–NC4
Analog-Switch Normally Closed Terminals
——
B1, C4
NO1, NO3
Analog-Switch Normally Open Terminals
——
B1, C4
NO1, NO2
Analog-Switch Normally Open Terminals
——
A3, D2
NC1, NC2
Analog-Switch Normally Closed Terminals
——
A2, D2
NC2, NC4
Analog-Switch Normally Closed Terminals
A1, A3, D4, D3
A1, A3, D4, D3
A1, A3, D4, D3
COM1–COM4
Analog-Switch Common Terminal
——
A1, D4
COM1, COM2
Analog-Switch Common Terminal
C1, A4, B4, D1
C1, A4, B4, D1
C1, A4, B4, D1
IN1–IN4
Logic-Control Digital Input
——
C1, B4
IN1, IN2
Logic-Control Digital Input
C3
C3
C3
C3
GND
Ground. Connect to digital ground.
B2
B2
B2
B2
V+
Positive Analog and Digital Supply
Voltage Input. Internally connected to
substrate.
——
A2, A4, D1, D3
N.C.
No Connection. Not internally connected.
Pin Description—TSSOP
PIN
MAX4747
MAX4748
MAX4749
MAX4750
NAME
FUNCTION
1, 3, 8, 11
——
NO1–NO4
Analog-Switch Normally Open Terminals
1, 3, 8, 11
——
NC1–NC4
Analog-Switch Normally Closed Terminals
——
1, 8
NO1, NO3
Analog-Switch Normally Open Terminals
——
1, 8
NO1, NO2
Analog-Switch Normally Open Terminals
——
4, 11
NC1, NC2
Analog-Switch Normally Closed Terminals
——
3, 11
NC2, NC4
Analog-Switch Normally Closed Terminals
2, 4, 9, 10
2, 4, 9, 10
2, 4, 9, 10
COM1–COM4
Analog-Switch Common Terminal
——
2, 9
COM1, COM2
Analog-Switch Common Terminal
13, 5, 6, 12
13, 5, 6, 12
13, 5, 6, 12
IN1–IN4
Logic-Control Digital Input
——
13, 6
IN1, IN2
Logic-Control Digital Input
7
7
7
7
GND
Ground. Connect to digital ground.
14
14
14
14
V+
Positive Analog and Digital Supply Voltage
Input. Internally connected to substrate.
——
3, 5, 10, 12
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX4750ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4750ETE MAXIM-MAX4750ETE Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
More results

Similar Description - MAX4750ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com