Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88927VZC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88927VZC
Description  5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88927VZC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88927VZC Datasheet HTML 1Page - Micrel Semiconductor SY88927VZC Datasheet HTML 2Page - Micrel Semiconductor SY88927VZC Datasheet HTML 3Page - Micrel Semiconductor SY88927VZC Datasheet HTML 4Page - Micrel Semiconductor SY88927VZC Datasheet HTML 5Page - Micrel Semiconductor SY88927VZC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY88927V
Micrel, Inc.
M9999-092305
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88927VKC
K8-1
Commercial
927V
Sn-Pb
SY88927VKCTR(1)
K8-1
Commercial
927V
Sn-Pb
SY88927VZC
Z8-1
Commercial
927V
Sn-Pb
SY88927VZCTR(1)
Z8-1
Commercial
927V
Sn-Pb
SY88927VKG(2)
K8-1
Industrial
927V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88927VKGTR(1,2)
K8-1
Industrial
927V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88927VZG(2)
Z8-1
Industrial
927V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88927VZGTR(1,2)
Z8-1
Industrial
927V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
2.
NiPdAu Pb-Free package recommended for new designs.
1
NC
D
/D
VBB
8VCC
Q
/Q
VEE
7
6
5
2
3
4


Similar Part No. - SY88927VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927VZC MICREL-SY88927VZC Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VZC MICREL-SY88927VZC Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VZCTR MICREL-SY88927VZCTR Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VZCTR MICREL-SY88927VZCTR Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results

Similar Description - SY88927VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
logo
Source Photonics, Inc.
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com