Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A1743 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65110A1743
Description  Hyper TOPLED짰 Enhanced optical Power LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A1743 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65110A1743 Datasheet HTML 2Page - OSRAM GmbH Q65110A1743 Datasheet HTML 3Page - OSRAM GmbH Q65110A1743 Datasheet HTML 4Page - OSRAM GmbH Q65110A1743 Datasheet HTML 5Page - OSRAM GmbH Q65110A1743 Datasheet HTML 6Page - OSRAM GmbH Q65110A1743 Datasheet HTML 7Page - OSRAM GmbH Q65110A1743 Datasheet HTML 8Page - OSRAM GmbH Q65110A1743 Datasheet HTML 9Page - OSRAM GmbH Q65110A1743 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2005-10-19
6
LW T67C
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstärke
1) Seite 16
Luminous Intensity
1) page 16
I
V (mcd)
Lichtstrom
2) Seite 16
Luminous Flux
2) page 16
Φ
V (mlm)
S2
T1
T2
U1
U2
V1
224 ... 280
280 ... 355
355 ... 450
450 ... 560
560 ... 710
710 ... 900
760 (typ.)
950 (typ.)
1200 (typ.)
1500 (typ.)
1900 (typ.)
2400 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine
obere
Familiengruppe
oder
eine
Sammelgruppe,
die
aus
nur
3 bzw. 4 bzw. 6 Helligkeitsgruppen bestehen.
Einzelne Helligkeitsgruppen können nicht bestellt werden.
Note: The standard shipping format for serial types includes either a lower familiy group, an upper
family group or a grouping of all individual groups of 3 or 4 or 6 individual brightness groups.
Individual brightness groups cannot be ordered.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: T2-6L
Example: T2-6L
Helligkeitsgruppe
Brightness Group
Farbortgruppe
Chromaticity Coordinate Group
T2
6L
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
Note: No packing unit / tape ever contains more than one group for each selection.


Similar Part No. - Q65110A1743

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
   Version 1.0 (Replacement in due course)
logo
ams AG
Q65110A1749 AMSCO-Q65110A1749 Datasheet
1Mb / 23P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
More results

Similar Description - Q65110A1743

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LWA6SG OSRAM-LWA6SG Datasheet
589Kb / 17P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com