Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75189ADRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75189ADRE4
Description  QUADRUPLE LINE RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189ADRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75189ADRE4 Datasheet HTML 1Page - Texas Instruments SN75189ADRE4 Datasheet HTML 2Page - Texas Instruments SN75189ADRE4 Datasheet HTML 3Page - Texas Instruments SN75189ADRE4 Datasheet HTML 4Page - Texas Instruments SN75189ADRE4 Datasheet HTML 5Page - Texas Instruments SN75189ADRE4 Datasheet HTML 6Page - Texas Instruments SN75189ADRE4 Datasheet HTML 7Page - Texas Instruments SN75189ADRE4 Datasheet HTML 8Page - Texas Instruments SN75189ADRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Note 1)
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, IO
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN55189, SN55189A
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . .
MC1489, MC1489A, SN75189, SN75189A
0
°C to 70°C
. . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds, FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J or W package
300
°C
. . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or NS package
260
°C
. . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
N/A
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J‡
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW
N/A
NS
625 mW
4.0 mW/
°C
445 mW
N/A
W
1000 mW
8.0 mW/
°C
640 mW
200 mW
‡ In the J package, SN55189 and SN55189A chips are either silver glass or alloy mounted.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Input voltage, VI
–25
25
V
High-level output current, IOH
–0.5
mA
Low-level output current, IOL
10
mA
Operating free-air temperature, TA
0
70
°C


Similar Part No. - SN75189ADRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75189ADRE4 TI-SN75189ADRE4 Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Similar Description - SN75189ADRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
74284 TI-74284 Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com