Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVCH16270PV Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74ALVCH16270PV
Description  3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVCH16270PV Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74ALVCH16270PV Datasheet HTML 1Page - Integrated Device Technology IDT74ALVCH16270PV Datasheet HTML 2Page - Integrated Device Technology IDT74ALVCH16270PV Datasheet HTML 3Page - Integrated Device Technology IDT74ALVCH16270PV Datasheet HTML 4Page - Integrated Device Technology IDT74ALVCH16270PV Datasheet HTML 5Page - Integrated Device Technology IDT74ALVCH16270PV Datasheet HTML 6Page - Integrated Device Technology IDT74ALVCH16270PV Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16270
3.3VCMOS12-BITTO24-BITREGISTEREDBUSEXCHANGER
5
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX
150
150
150
MHz
tPLH
PropagationDelay
1.5
5.9
5.8
1.1
5.1
ns
tPHL
CLK to xBx
tPLH
PropagationDelay
1.2
5.4
5.4
1
4.7
ns
tPHL
CLK to Ax
tPLH
PropagationDelay
1.4
6.2
6.4
1
5.5
ns
tPHL
SEL to Ax
tPZH
OutputEnableTime
1.5
7
6.8
1
6
ns
tPZL
CLK to xBx
tPZH
OutputEnableTime
1.5
7
6.8
1
6
ns
tPZL
CLK to Ax
tPHZ
OutputDisableTime
1.9
7.2
6.5
1.1
5.8
ns
tPLZ
CLK to xBx
tPHZ
OutputDisableTime
1.9
7.2
6.5
1.1
5.8
ns
tPLZ
CLK to Ax
tSU
Set-up Time, Ax data before CLK
4.1
3.8
3.1
ns
tSU
Set-up Time, Bx data before CLK
0.9
1.2
0.9
ns
tSU
Set-up Time, CLKENA1 or CLKENA2 before CLK
3.5
3.2
2.7
ns
tSU
Set-up Time, CLKEN1B or CLKEN2B before CLK
3.4
3
2.6
ns
tSU
Set-up Time, OEB or OEA before CLK
4.4
3.9
3.2
ns
tH
Hold Time, Ax data after CLK
0
0
0.2
ns
tH
Hold Time, Bx data after CLK
1.4
1
1.7
ns
tH
Hold Time, CLKENA1 or CLKENA2 after CLK
0
0.1
0.3
ns
tH
Hold Time, CLKEN1B or CLKEN2B after CLK
0
0
0.6
ns
tH
Hold Time, OEB or OEA after CLK
0
0
0.1
ns
tW
Pulse Width, CLK HIGH or LOW
3.3
3.3
3.3
ns
tSK(O)
OutputSkew(2)
——
500
ps


Similar Part No. - IDT74ALVCH16270PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH162721 IDT-IDT74ALVCH162721 Datasheet
111Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162721PA IDT-IDT74ALVCH162721PA Datasheet
111Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162721PF IDT-IDT74ALVCH162721PF Datasheet
111Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162721PV IDT-IDT74ALVCH162721PV Datasheet
111Kb / 6P
   3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
More results

Similar Description - IDT74ALVCH16270PV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com