Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-HC730R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FXO-HC730R
Description  Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXO-HC730R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FXO-HC730R Datasheet HTML 1Page - List of Unclassifed Manufacturers FXO-HC730R Datasheet HTML 2Page - List of Unclassifed Manufacturers FXO-HC730R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
768-Frequency-xxxxx
XPRESSO Part Number
5.2 M ax
1.4 M ax
7.5 M ax
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
1.4
5.08
2.6
2.0
1.8
4.2
#5
#6
#5
#6
2.54 2.54
2.54
Pin 1 Designator
(FOX Head or Dot)
All dimensions are in millimeters.
Actual Marking Depicted
Pin Connections
#1) E/D
#2) NC
#3) GND
#4) Out
#5) NC3
#6) Vdd
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENAblE / DISAblE FuNCTION2
(Pin 1)
OPEN
'1' Level Vih
70% Vdd
'0' Level Vil
30% Vdd
HCMOS 7x5mm 3.3V Oscillator
Rev. 4/25/2007 Preliminary
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model:FXO-HC73 SERIES
Page 1 of 3
Recommended Circuit
0.750 ~ 250.000 MHz
See above table
-55ºC ~ +125ºC
3.3V ± 5%
32mA
35mA
47mA
55mA
60mA
45% ~ 55%
3nS
3nS
10% Vdd
20% Vdd
90% Vdd
Min
80% Vdd
Min
15pF
10mS
100nS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range(Fo)
Frequency Stability1
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
0.750 ~ 20.000
20.000+ ~ 50.000
50.000+ ~ 130.000
130.000+ ~ 200.000
200.000+ ~ 250.000
Output Symmetry (50% Vdd Level)
Rise Time (Tr) (10% ~ 90% Vdd) 0.750 ~ 150.000
(20% ~ 80% Vdd) 150.000+ ~ 250.000
Fall Time (Tf) (90% ~ 10% Vdd) 0.750 ~ 150.000
(80% ~ 20% Vdd) 150.000+ ~ 250.000
Output Voltage
(Vol)
0.750 ~ 150.000
150.000+ ~ 250.000
(Voh)
0.750 ~ 150.000
150.000+ ~ 250.000
Output Load
(HCMOS)
Start-up Time
(Ts)
Output Enable / Disable Time 2
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ElECTRICAl CHARACTERISTICS
MAX (unless otherwise noted)
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO
• JITTER MEASuREMENTS4
Frequency
(MHz)
Phase Jitter
(12kHz~20MHz)5
(pS RMS)
Time Interval Error (TIE)6
σ of jitter distribution
(pS RMS)
Rj/Dj Composition6
Random
Jitter (Rj)
(pS RMS)
Deterministic
Jitter (Dj)
(pS P-P)
Total
Jitter (Tj)
(14*Rj + Dj)
(pS)
62.500
106.250
125.000
156.250
1.00
0.85
0.73
0.89
7.4
7.7
7.5
7.6
20.4
21.7
19.1
20.4
0.92
1.00
0.83
0.91
3.7
3.6
2.8
3.3
MODEl SElECTION GuIDE
F X O - H C 7 3 0 R - 106.250000
H = HCMOS
C = Ceramic
3 = 3.3V
7 = 7x5mm
0 = ±100PPM
5 = ±50PPM
6 = ±25PPM
8 = ±20PPM (-20~+70ºC only)
Blank = -20~+70ºC
R = -40~+85ºC
Frequency
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO
5.2 M ax
1.4 M ax
7.5 M ax
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
1.4
5.08
2.6
2.0
1.8
4.2
#5
#6
#5
#6
2.54 2.54
2.54
Pin 1 Designator
(FOX Head or Dot)
Note: M iddle pads (dotted lines) are optional.
Corresponding pads on device are no connect.


Similar Part No. - FXO-HC730R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC730R-106.25 FOX-FXO-HC730R-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-HC730R

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
   HCMOS 7x5mm 3.3V OSCILLATOR
logo
List of Unclassifed Man...
CB3LV ETC1-CB3LV Datasheet
83Kb / 3P
   7x5mm Low Cost clock Oscillator
logo
Fox Electronics
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
EUROQUARTZ limited
EQVP-HC73 EUROQUARTZ-EQVP-HC73 Datasheet
167Kb / 1P
   HCMOS 7x5mm 3.3V VCXO
logo
Fox Electronics
O7HS FOX-O7HS Datasheet
296Kb / 5P
   HCMOS 7x5mm SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
   HCMOS 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
O7HA FOX-O7HA Datasheet
272Kb / 5P
   HCMOS 7x5mm SMD Oscillator
O7HB FOX-O7HB Datasheet
240Kb / 3P
   HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
   HCMOS 7x5mm SMD Oscillator
logo
Golledge Electronics Lt...
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
   3.3V CMOS Oscillator Low Jitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com