Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWT67C-S2V1-5K8L Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWT67C-S2V1-5K8L
Description  Hyper TOPLED짰 Enhanced optical Power LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT67C-S2V1-5K8L Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWT67C-S2V1-5K8L Datasheet HTML 5Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 6Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 7Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 8Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 9Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 10Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 11Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 12Page - OSRAM GmbH LWT67C-S2V1-5K8L Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LW T67C
2005-10-19
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
temp. solder point
40
20
0
T
0
S
100
80
60
˚C
T
IF
mA
OHL21573
5
10
15
20
25
temp. ambient
TA
TA
TS
OHL01961
I
10
0.01
10
-4
-5
10
10
0.15
0.10
0.05
0
1
0
-1
-2
-3 10 10 10
tp
10 s
0.02
0.05
0.5
0.2
0.1
1
0.35
0.25
0.20
IF
A
D
0.005
P
t
D =
T
=
T
t
P
2
F
OHL01962
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
0.05
0.10
0.15
0.20
0.25
0.35
1


Similar Part No. - LWT67C-S2V1-5K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWT67C-S2V1-5K8L OSRAM-LWT67C-S2V1-5K8L Datasheet
609Kb / 23P
   Automotive Interior Lighting
More results

Similar Description - LWT67C-S2V1-5K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LWA6SG OSRAM-LWA6SG Datasheet
589Kb / 17P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com