Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-15-155-T-SSC4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B-15-155-T-SSC4
Description  155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B-15-155-T-SSC4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B-15-155-T-SSC4 Datasheet HTML 1Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 2Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 3Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 4Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 5Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 6Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
155 Mbps Bi-directional SC Receptacle
Single Fiber Transceiver
B-15/13-155-T(3)-SSC4
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-8
-
-3
dBm
Output power is coupled into a 9/125 µm single
mode fiber
Output center Wavelength
λ
1480
1530
1580
nm
Output Spectrum Width
Δλ
3
nm
RMS(σ)
Extinction Ratio
ER
8.5
-
-
dB
Output Eye
Compliant with ITU-T recommendation G.957/STM1
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Optical Isolation
30
-
-
dB
Tx: 1530 nm/ Rx: 1310 nm
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications, (0ºC<Topr<70ºC, VCC ± 5%)
Features
• Diplexer Single Mode, Single Fiber 1x9 SC Receptacle
Connetor
• Wavelength Tx 1530nm/Rx 1310 nm
• SONET OC-3 SDH STM-1 Compliant
• Single +5V Power Supply (B-15/13-155-T-SSC4)
• Single +3.3V Power Supply (B-15/13-155-T3-SSC4)
• PECL/LVPECL Differential Inputs and Outputs
• Wave Solderable and Aqueous washable
• LED Multisourced 1x9 Transceiver Interchangeable
• Class 1 laser Int. Safety Standard IEC 825 Compliant
• Uncooled Laser Diode with MQW structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• Temperature Range: 0 to 70ºC
• Optical Isolation > 30 dB
• Cross Talk < -33 dB
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6
V
B-15/13-155-T-SSC4
Power Supply Voltage
Vcc
0
3.6
V
B-15/13-155-T3-SSC4
Input Voltage
-
0
Vcc
V
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
4.75
5
5.25
V
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature
Topr
0
-
70
ºC
Data Rate
-
-
155
-
Mbps
Recommended Operating Condition


Similar Part No. - B-15-155-T-SSC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-155-T-SSC4 SOURCE-B-15-155-T-SSC4 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4A SOURCE-B-15-155-T-SSC4A Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4AG5 SOURCE-B-15-155-T-SSC4AG5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4AGR SOURCE-B-15-155-T-SSC4AGR Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4G5 SOURCE-B-15-155-T-SSC4G5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-15-155-T-SSC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC3 SOURCE-B-13-155-T-SSC3 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com