Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-15-155-T-SSC4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B-15-155-T-SSC4
Description  155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B-15-155-T-SSC4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B-15-155-T-SSC4 Datasheet HTML 1Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 2Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 3Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 4Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 5Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 6Page - List of Unclassifed Manufacturers B-15-155-T-SSC4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
155 Mbps Bi-directional SC Receptacle
Single Fiber Transceiver
B-15/13-155-T(3)-SSC4
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
82R
R10
Rx Vcc
No internal
connection
Tx Vcc
L1
Rx Vcc
Tx Vcc
C4
C2
L2
C3
C1
R8
R6
R5
5
9 8
6
7
3
4
1
2
R7
Rx Vcc
C6
Top view
Transceiver
C1=C2=C3=C5=C6=0.1 F
L1=L2=1 H
R1=R3=R5=R7=R9=82
Notes:
R2=R4=R6=R8=R10=130
82R
130R
130R
130R
Vcc
connection
No internal
R3
R4130R
130R
R2
TD-
TD+
C5
Tx Vcc
82R
R1
82R
C4=10 F
RD-
RD+
SD
R9
B-15/13-155-T -SSC4


Similar Part No. - B-15-155-T-SSC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-155-T-SSC4 SOURCE-B-15-155-T-SSC4 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4A SOURCE-B-15-155-T-SSC4A Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4AG5 SOURCE-B-15-155-T-SSC4AG5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4AGR SOURCE-B-15-155-T-SSC4AGR Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC4G5 SOURCE-B-15-155-T-SSC4G5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-15-155-T-SSC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC3 SOURCE-B-13-155-T-SSC3 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com