Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-HC736R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FXO-HC736R
Description  Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXO-HC736R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FXO-HC736R Datasheet HTML 1Page - List of Unclassifed Manufacturers FXO-HC736R Datasheet HTML 2Page - List of Unclassifed Manufacturers FXO-HC736R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
• TAPE SPECIFICATIONS (millimeters)
MODEl
FXO-HC73
A
∅1.5
b
4.0
C
8.0
D
7.5
E
16.0
F
2.15
STD Reel QTY
1,000
• REEl SPECIFICATIONS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅80
K
∅255
l
17.5
M
2.0
MODEl
FXO-HC73
HCMOS 7x5mm 3.3V Oscillator
Rev. 4/25/2007 Preliminary
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model:FXO-HC73 SERIES
Page 2 of 3
Patent Numbers:
US 6,664,860, US 5,960,403, US 5,952,890; US 5,960,405; US 6,188,290;
Foreign Patents: R.S.A. 98/0866, R.O.C. 120851; Singapore 67081, 67082; EP 0958652
China ZL 98802217.6, Malaysia MY-118540-A, Philippines 1-1998-000245, Hong Kong #HK1026079, Mexico #232179
US and Foreign Patents Pending
XPRESSO® Fox Electronics
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration.
2 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open.
3 A complementary output version with output 2 on pin 5 is available.
4 Typical values at select frequencies. Jitter is frequency dependent.
5 Integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; Vdd =3.3V.
6 Measured on a LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; Vdd
= 3.3V.
Per
MJsQ (Methodologies for Jitter and Signal Quality Specifications)
Note: A 0.01µF bypass capacitor should be placed between Vdd (Pin 6) and GND (Pin 3) to minimize power supply line noise.
- The above specifications, having been carefully prepared and checked, is believed to be accurate at the time of publication; however,
no responsibility is assumed by Fox Electronics for inaccuracies.
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO


Similar Part No. - FXO-HC736R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC736R-106.25 FOX-FXO-HC736R-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-HC736R

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-HC73 EUROQUARTZ-EQXP-HC73 Datasheet
164Kb / 1P
   HCMOS 7x5mm 3.3V OSCILLATOR
logo
List of Unclassifed Man...
CB3LV ETC1-CB3LV Datasheet
83Kb / 3P
   7x5mm Low Cost clock Oscillator
logo
Fox Electronics
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
EUROQUARTZ limited
EQVP-HC73 EUROQUARTZ-EQVP-HC73 Datasheet
167Kb / 1P
   HCMOS 7x5mm 3.3V VCXO
logo
Fox Electronics
O7HS FOX-O7HS Datasheet
296Kb / 5P
   HCMOS 7x5mm SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
   HCMOS 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
O7HA FOX-O7HA Datasheet
272Kb / 5P
   HCMOS 7x5mm SMD Oscillator
O7HB FOX-O7HB Datasheet
240Kb / 3P
   HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
   HCMOS 7x5mm SMD Oscillator
logo
Golledge Electronics Lt...
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
   3.3V CMOS Oscillator Low Jitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com