Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVCO55CC-1260-1400 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CVCO55CC-1260-1400
Description  COAXIAL RESONATOR OSCILLATOR-CRO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CVCO55CC-1260-1400 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CVCO55CC-1260-1400 Datasheet HTML 1Page - CRYSTEK CORPORATION CVCO55CC-1260-1400 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIN
TYP
UNITS
MAX
PERFORMANCE SPECIFICATION
MHz pk-pk
Lower Frequency:
Upper Frequency:
Tuning Voltage:
Supply Voltage:
Output Power:
Supply Current:
Harmonic Suppression (2
nd Harmonic):
Pushing:
Pulling, all Phases:
Tuning Sensitivity:
Input Capacitance:
Storage Temperature Range:
Operating Temperature Range:
Load Impedance:
Phase Noise @ 10kHz offset:
MHz
MHz
VDC
VDC
dBm
mA
dBc
MHz/V
MHz/V
dBc/Hz
pF
°C
°C
1260
1400
12.0
0.5
7.75
8.0
8.25
+3.0
-20
14
-115
50
47
-30
-45
+70
+90
+5.0
+1.0
0.5
-110
0.2
0.2
Tuning Curve
(Typical)
Phase Noise @ 100kHz offset:
-135
dBc/Hz
-130
Phase Noise
(1 Hz BW, Typical)
0.5
25
-15
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Page 1 of 2


Similar Part No. - CVCO55CC-1260-1400

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CVCO55CC-1277-1433 CRYSTEKMICROWAVE-CVCO55CC-1277-1433 Datasheet
182Kb / 2P
   coaxial resonator oscillator-cro
More results

Similar Description - CVCO55CC-1260-1400

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCO55CCQ-3200-3200 CRYSTEKCRYSTAL-CVCO55CCQ-3200-3200 Datasheet
186Kb / 2P
   Coaxial Resonator Oscillator-CRO
logo
CRYSTEK CORPORATION
CVCO55CC-0860-0960 CRYSTEKMICROWAVE-CVCO55CC-0860-0960 Datasheet
69Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-0787-0805 CRYSTEKMICROWAVE-CVCO55CC-0787-0805 Datasheet
68Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2200-2260 CRYSTEKMICROWAVE-CVCO55CC-2200-2260 Datasheet
68Kb / 2P
   Coaxial Resonator Oscillator-CRO
CVCO55CC-2269-2580 CRYSTEKMICROWAVE-CVCO55CC-2269-2580 Datasheet
135Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2275-2290 CRYSTEKMICROWAVE-CVCO55CC-2275-2290 Datasheet
68Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2430-2550 CRYSTEKMICROWAVE-CVCO55CC-2430-2550 Datasheet
68Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2480-2960 CRYSTEKMICROWAVE-CVCO55CC-2480-2960 Datasheet
112Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2500-2600 CRYSTEKMICROWAVE-CVCO55CC-2500-2600 Datasheet
221Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2515-2530 CRYSTEKMICROWAVE-CVCO55CC-2515-2530 Datasheet
69Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
CVCO55CC-2580-2860 CRYSTEKMICROWAVE-CVCO55CC-2580-2860 Datasheet
69Kb / 2P
   COAXIAL RESONATOR OSCILLATOR-CRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com