Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3N60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MTP3N60
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTP3N60 Datasheet(HTML) 1 Page - STMicroelectronics

  MTP3N60 Datasheet HTML 1Page - STMicroelectronics MTP3N60 Datasheet HTML 2Page - STMicroelectronics MTP3N60 Datasheet HTML 3Page - STMicroelectronics MTP3N60 Datasheet HTML 4Page - STMicroelectronics MTP3N60 Datasheet HTML 5Page - STMicroelectronics MTP3N60 Datasheet HTML 6Page - STMicroelectronics MTP3N60 Datasheet HTML 7Page - STMicroelectronics MTP3N60 Datasheet HTML 8Page - STMicroelectronics MTP3N60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MTP3N60
MTP3N60FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
s
TYPICAL RDS(on) =2
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
CHOPPER REGULATORS, CONVERTERS,
MOTOR CONTROL, LIGHTING FOR
INDUSTRIAL AND CONSUMER
ENVIRONMENT
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
MTP3N60
MTP3N60FI
600 V
600 V
<2. 5
<2. 5
3.9 A
2.5 A
1
2
3
TO-220
ISOWATT220
November 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
MTP3N60
MTP3N60FI
VDS
Drain-source Voltage (VGS =0)
600
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)600
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC3.9
2.5
A
ID
Drain Current (cont inuous) at T c =100
oC2.4
1.5
A
IDM(
•)
Drain Current (pulsed)
14
14
A
Ptot
Total Dissipation at Tc =25
oC
100
35
W
Derating Factor
0.8
0.28
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
2000
V
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
2
3
1/10


Similar Part No. - MTP3N60

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP3N60 NJSEMI-MTP3N60 Datasheet
145Kb / 3P
   N- CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
MTP3N60 NJSEMI-MTP3N60 Datasheet
125Kb / 3P
   Power Field Effect Transistor
MTP3N60 NJSEMI-MTP3N60 Datasheet
125Kb / 3P
   Power Field Effect Transistor
logo
VBsemi Electronics Co.,...
MTP3N60 VBSEMI-MTP3N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTP3N60 ISC-MTP3N60 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP3N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com