Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

252A103TA Datasheet(PDF) 2 Page - CTS Corporation

Part # 252A103TA
Description  Two Axis, Ministick Controller With Optional Momentary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

252A103TA Datasheet(HTML) 2 Page - CTS Corporation

  252A103TA Datasheet HTML 1Page - CTS Corporation 252A103TA Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
mm
CTS Series 252
252
A
103
C
60
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TAP CONFIGURATION
N – NO TAP
T – 4° TAP AT CENTER
ROTATIONAL
ANGLE
40 – 40º
Operating Temperature
-10°C to +70°C
Mounting Information
PC Terminals
Soldering Conditions
Wave - up to 5 seconds at 260°C
No Solder or flux on component side of board
Electrical and Mechanical Specifications
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
103
10K
203
20K
503
50K
104
100K
124
120K
154
150K
DRIVE ARM LENGTH
DIM "L"
A – 19.3mm
inch
DIMENSION:
FROM MOUNTING SIDE
MOUNTING HOLE DETAIL VIEWED
-0.0 (4)
Ø1.3
CENT.
5.00
13.30
2
CENT.
1
d
c
3.00
OPTIONAL SWITCH
Ø1.0
3
HOLES FOR
(4)
-0.0
+0.1
b
a
(6)
Ø1.0+0.1
-0.0
4.50
CENT.
.177
+0.1
.051 +.004
-.000
-.000
+.004
.039
.118
.039+.004
-.000
TERMINALS
.524
.197
B – 24.3mm
LENGTH FROM
MOUNTING SURFACE
50 – 50º
60 – 60º
Potentiometer 1 & 2
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY SWITCH
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/20/06
CTS Electronic Components
www.ctscorp.com
11.2
16.0
CENT.
9.5
VR 2
CENT.
9.3
OPERATION ANGLE
(ALL DIRECTION)
0.8±0.1(6)
1 2
1.1(4)
3
53°~63°
A
A
11.8
CIRCUIT DIAGRAM
SWITCH
d
b
c
a
1.90±0.05
SECTION A-A
SCALE : 10X
1.20±0.05
.366
.441
.630
.374
.465
.043
.031±.004
.047±.002
.075±.002


Similar Part No. - 252A103TA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
252A103A40NB CTS-252A103A40NB Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
252A103A40TA CTS-252A103A40TA Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
252A103A40TB CTS-252A103A40TB Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
252A103A50NA CTS-252A103A50NA Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
More results

Similar Description - 252A103TA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
253 CTS-253 Datasheet
4Mb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
   Two Axis, Micro-stick Controller With Optional Momentary Switch
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
   Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
logo
Molex Electronics Ltd.
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
   Super-Safeway Switch Replacement, Two Speed Momentary
logo
List of Unclassifed Man...
AMC102 ETC2-AMC102 Datasheet
490Kb / 7P
   Two-axis precision servo controller module
logo
Molex Electronics Ltd.
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
   Super-Safeway Switch Replacement, Two Speed Momentary
logo
LUMEX INC.
CLS-PC11A125S00R LUMEX-CLS-PC11A125S00R Datasheet
49Kb / 1P
   ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00Y LUMEX-CLS-PC11A125S00Y Datasheet
49Kb / 1P
   ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00G LUMEX-CLS-PC11A125S00G Datasheet
49Kb / 1P
   ILLUMINATED MOMENTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com