Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA2266 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2266
Description  12.5-17GHz Low-Noise Driver Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2266 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2266_07 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2266_07 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA2266
12.5-17GHz Driver Amplifier
Ref. : DSCHA22667082- 23 Mar 07
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics on wafer
Tamb = +25°C, Vd = 4V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
12.5
17
GHz
G
Small signal gain
31
34
dB
∆G
Small signal gain flatness
± 0.5
dB
NF
Noise Figure
2.5
3.0
dB
RLin
Input return loss
-10
-6
dB
RLout
Output return loss
-10
-6
dB
P1dB
Output power at 1 dB gain compression
13.5
14.5
dBm
P3dB
Saturated output power
15
16
Id small
signal
Drain bias current
130
170
mA
Rth
Thermal resistance @ Tback side=25°C
80°C
°C/W
Absolute maximum Ratings (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.3
V
Pin
Maximum continuous input power overdrive
Maximum peak input power overdrive(2)
-15
+15
dBm
dBm
Tj max
Maximum junction temperature
175
°C
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature
-55 to +125
°C
(1) Operation of this device above any of these parameters may cause permanent damage.
(2) Duration <1s


Similar Part No. - CHA2266_07

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266-99F/00 UMS-CHA2266-99F/00 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
More results

Similar Description - CHA2266_07

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
   12.5-17GHz Low-Noise Driver Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
   5.8-17GHz Low Noise Amplifier
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
   5.8-17GHz Low Noise Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
   5.8-17GHz Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
   Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
logo
United Monolithic Semic...
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG_15 Datasheet
878Kb / 18P
   12.5-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com