Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0111DA Datasheet(PDF) 2 Page - STMicroelectronics

Part # P0111DA
Description  0.8A SCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0111DA Datasheet(HTML) 2 Page - STMicroelectronics

  P0111DA Datasheet HTML 1Page - STMicroelectronics P0111DA Datasheet HTML 2Page - STMicroelectronics P0111DA Datasheet HTML 3Page - STMicroelectronics P0111DA Datasheet HTML 4Page - STMicroelectronics P0111DA Datasheet HTML 5Page - STMicroelectronics P0111DA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P01 Series
2/6
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
S = Copper surface under tab
PRODUCT SELECTOR
Symbol
Test Conditions
P01xx
Unit
02
11
18
IGT
VD = 12 V
RL = 140 Ω
MIN.
-
4
0.5
µA
MAX.
200
25
5
VGT
MAX.
0.8
V
VGD
VD = VDRM RL = 3.3 kΩ RGK = 1 kΩ
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8V
IH
IT = 50 mA
RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA
RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 67 % VDRM
RGK = 1 kΩ
Tj = 125°C
MIN.
75
80
75
V/µs
VTM
ITM = 1.6 A
tp = 380 µs
Tj = 25°C
MAX.
1.95
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.95
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
600
m
IDRM
IRRM
VDRM = VRRM = 400 V RGK = 1 kΩ
Tj = 25°C
MAX.
1
µA
VDRM = VRRM = 600 V RGK = 1 kΩ
10
µA
VDRM = VRRM
RGK = 1 kΩ
Tj = 125°C
MAX.
100
µA
Symbol
Parameter
Value
Unit
Rth(j-i)
Junction to case (DC)
TO-92
80
°C/W
Rth(j-t)
Junction to tab (DC)
SOT-223
30
°C/W
Rth(j-a)
Junction to ambient
TO-92
150
S = 5 cm²
SOT-223
60
Part Number
Voltage
Sensitivity
Package
400 V
600 V
P0102DA
X
200 µA
TO-92
P0102DN
X
200 µA
SOT-223
P0102MA
X
200 µA
TO-92
P0102MN
X
200 µA
SOT-223
P0111DA
X
25 µA
TO-92
P0111DN
X
25 µA
SOT-223
P0111MA
X
25 µA
TO-92
P0111MN
X
25 µA
SOT-223
P0118DA
X
5 µA
TO-92
P0118DN
X
5 µA
SOT-223
P0118MA
X
5 µA
TO-92
P0118MN
X
5 µA
SOT-223


Similar Part No. - P0111DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0111DA STMICROELECTRONICS-P0111DA Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
P0111DA1AA3 STMICROELECTRONICS-P0111DA1AA3 Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
P0111DA5AL3 STMICROELECTRONICS-P0111DA5AL3 Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results

Similar Description - P0111DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
   0.8A SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
   0.8A SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
   0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
   0.8A SCRs
logo
STMicroelectronics
X00602MA STMICROELECTRONICS-X00602MA Datasheet
72Kb / 5P
   0.8A SCRs
logo
Kersemi Electronic Co.,...
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
   0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com