Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

212T01N324RD1 Datasheet(PDF) 3 Page - CTS Corporation

Part # 212T01N324RD1
Description  CTS 212 Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

212T01N324RD1 Datasheet(HTML) 3 Page - CTS Corporation

  212T01N324RD1 Datasheet HTML 1Page - CTS Corporation 212T01N324RD1 Datasheet HTML 2Page - CTS Corporation 212T01N324RD1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONTACT TYPE
– NON SHORTING
SHAFT FMS
1/32" INCREMENTS
20 – .625" (15.9mm)
24 – .750" (19.1mm)
28 – .875" (22.2mm)
32 – 1.000" (25.4mm)
POLES
01 – 1 POLE
10 – 10 POLES
ETC.
TERMINAL STYLE
T – SOLDER LUG
X – PC
U – PCFORMED
TO REAR
P – PC WITH
.100" (2.54mm)
SPACING
SPECIALS
N – NONE
D NO
LOCATING
LUG
E – LOCATING
LUG RIGHT
SIDE
SHAFT TRIM
R – ROUND
F – FLATTED .375" X .156"
(9.53mm X 4.0mm)
K – KNURLED EIA S148(24 TEETH)
S – SD SLOT .047" WIDE X .063" DEEP
(1.2mm X 1.6mm)
M – FLATTED .375” X .218”
(9.53mm X 5.54mm) WITH SLOT
POSITIONS
02 – 2 POSITIONS
12 – 12 POSITIONS,
ETC.
MOUNTING STYLE
BUSHING LENGTH:
1/8" INCREMENTS
EXAMPLES:
2 – .250" (6.35mm)
3 – .375" (9.5mm)
BUSHING MOUNT
SUPPLIED WITH
LOCATING LUG
LEFT SIDE
TERMINALS DOWN
Ordering Information
T
01 02
N
2
20
R
N
212
Y – X STYLE WITH
.870" (22.1mm)
MEIGHT STAND OFF.
N
(BREAK BEFORE MAKE)
S – SHORTING
(BREAK BEFORE MAKE)
INDEX OR
ADJUSTABL STOP
1 – 60° INDEX
1
BLANK
– STANDARD
2 30° INDEX
WITH
ADJUSTABLE
STOP
3 60° INDEX
WITH
ADJUSTABLE
STOP
3 - 3
CTS Electronic Components
www.ctscorp.com
01/19/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 212T01N324RD1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212T0102N220FA CTS-212T0102N220FA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212T0102N220FB CTS-212T0102N220FB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212T0102N220FN CTS-212T0102N220FN Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212T0102N220KA CTS-212T0102N220KA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212T0102N220KB CTS-212T0102N220KB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
More results

Similar Description - 212T01N324RD1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
227 CTS-227 Datasheet
490Kb / 3P
   CTS 227 Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com