Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP-338-2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MKP-338-2
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP-338-2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MKP-338-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKP-338-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2000 Sep 11
4
BCcomponents
Product specification
Interference suppression film capacitors
MKP 338 2
COMPOSITION OF CATALOGUE NUMBER
TYPE
PACKAGING(1)
STANDARD DIMENSIONS
PREFERRED TYPES
338 2
X2
loose in box
lead length 3.5 mm
±20%
2222 338 20...
see
Handbook
lead length 5.0 mm
2222 338 22...
lead length 25.0 mm
2222 338 24...
taped
pitch
= 7.5 mm or bent back to 7.5 mm
2222 338 26...
ALTERNATIVE LARGER PITCH SIZES
ON REQUEST
338 2
X2
loose in box
lead length 3.5 mm
±20%
2222 338 21...
see
Datasheet
lead length 5.0 mm
2222 338 23...
lead length 25.0 mm
2222 338 25...
taped
H
= 18.5 mm; for P0 = 12.7 mm; note 2
2222 338 27...
ALTERNATIVE C-TOL
ON REQUEST
338 2
X2
loose in box
lead length 3.5 mm
±10%
2222 338 2....
see Type
detail
specification
±5%
2222 338 2....
lead length 5.0 mm
±10%
2222 338 2....
±5%
2222 338 2....
lead length 25.0 mm
±10%
2222 338 2....
±5%
2222 338 2....
taped
pitch
= 7.5 mm or bent back to 7.5 mm
±10%
2222 338 2....
±5%
2222 338 2....
H
= 18.5 mm; for P0 = 12.7 mm; note 2
±10%
2222 338 2....
±5%
2222 338 2....
2222
338
2X XX X
TYPE AND PITCHES
338 2
X2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
Notes
1) For SPQ refer to this handbook, chapter “Packaging information”; taped on reel pitch
= 27.5 mm is not available.
2) H
= in-tape height; for detailed specifications refer to this handbook, chapter “Packaging information”.


Similar Part No. - MKP-338-2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MKP-B32612614 TDK-MKP-B32612614 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
MKP-B32651656 TDK-MKP-B32651656 Datasheet
620Kb / 39P
   Metallized Polypropylene Film Capacitors
MKP-B32656S TDK-MKP-B32656S Datasheet
1Mb / 62P
   Metallized Polypropylene Film Capacitors (MKP)
MKP-B32669 TDK-MKP-B32669 Datasheet
299Kb / 16P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - MKP-338-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
MKP3361 ETC2-MKP3361 Datasheet
396Kb / 17P
   Interference suppression film capacitors
MKP3384X2 ETC2-MKP3384X2 Datasheet
437Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com