Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXO45LV-5C-M Datasheet(PDF) 2 Page - CTS Corporation

Part # MXO45LV-5C-M
Description  METAL DIP CLOCK OSCILLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MXO45LV-5C-M Datasheet(HTML) 2 Page - CTS Corporation

  MXO45LV-5C-M Datasheet HTML 1Page - CTS Corporation MXO45LV-5C-M Datasheet HTML 2Page - CTS Corporation MXO45LV-5C-M Datasheet HTML 3Page - CTS Corporation MXO45LV-5C-M Datasheet HTML 4Page - CTS Corporation MXO45LV-5C-M Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document No. 008-0278-0
Page 2 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MXO45LV/MXO45HSLV
Metal DIP Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-1.5
-
50
MHz
Frequency Stability
(See Note 1 and Ordering Information)
∆f/fO
--
-
20,25,50
or 100
± ppm
Operating Temperature
Commercial
-20
70
Industrial
-40
85
Supply Voltage
VCC
± 10 %
3.0
3.3
3.6
V
Supply Current
ICC
1.5 MHz to 20 MHz
CL=50pF
20.1 MHz to 50 MHz
CL=50pF
-
-
7
20
12
40
mA
Output Load
CMOS
CL
1.5 MHz to 50 MHz
-
-
50
pF
TTL
1.5 MHz to 50 MHz
-
-
10
TTL
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
10 TTL LOAD
0.9*VCC
VCC-0.6V
--
Logic '0' Level
VOL
CMOS
TTL Load
--
0.1*VCC
0.4
Output Current
Logic '1' Level
IOH
VOH = 2.2V
VCC = 3.0V
--
-8
Logic '0' Level
IOL
VOL = 0.4V
VCC = 3.0V
--
8
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
@ 10% - 90% Levels
1.5 MHz to 25 MHz
CL=50pF
25.1 MHz to 50 MHz
CL=50pF
-
-
6
3
8
4
Start Up Time
TS
Application of VCC
--
10
ms
Enable Function
(See Note 2)
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
2.0
-
-
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.8
Enable Time
TPLZ
Pin 1 Logic '1'
--
10
ms
Phase Jitter
tjms
Bandwidth 12 kHz - 20 MHz
-
-
1
ps RMS
Notes:
1.
2.
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging at an average
operating temperature of +40 °C.
Reference CTS Application Note 014-0002-0.
TA
-°C
25
V
mA
TR, TF
ns
V


Similar Part No. - MXO45LV-5C-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXO45 ETC1-MXO45 Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45-2C ETC1-MXO45-2C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
CTS Corporation
MXO45-2C CTS-MXO45-2C Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45-2I ETC1-MXO45-2I Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
More results

Similar Description - MXO45LV-5C-M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45 ETC1-MXO45 Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com