Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6888_ETE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6888_ETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6888_ETE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6888_ETE Datasheet HTML 1Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 2Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 3Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 4Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 5Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 6Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 7Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 8Page - Maxim Integrated Products MAX6888_ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Hex/Quad, Power-Supply Supervisory Circuits
_______________________________________________________________________________________
5
Pin Description (continued)
PIN
MAX6887
MAX6888
NAME
FUNCTION
55
MR
Manual Reset Input. Pull MR low to assert RESET. Connect MR to WDO to generate resets
when the watchdog timer expires. Leave MR unconnected or connect to DBP if unused. MR is
internally pulled up to BP through a 10µA current source.
66
MARGIN
Margin Input. When MARGIN is pulled low, RESET is held in its existing state independent of
subsequent changes in monitored input voltages or the watchdog timer expiration. MARGIN is
internally pulled up to BP through a 10µA current source. Leave MARGIN unconnected or
connect to BP if unused. MARGIN overrides MR if both are asserted at the same time.
7
7
WDI
Watchdog Timer Input. Logic input for the watchdog timer function. If WDI is not strobed with a
valid low-to-high or high-to-low transition within the selected watchdog timeout period, WDO
asserts. WDI is internally pulled down to GND through a 10µA current sink.
8
8
I.C.
Internal Connection. Leave unconnected.
99
VCC
Internal Power-Supply Voltage. Bypass VCC to GND with a 1µF ceramic capacitor as close to
the device as possible. VCC supplies power to the internal circuitry. VCC is internally powered
from the highest of the monitored IN1–IN4 voltages. Do not use VCC to supply power to external
circuitry. To externally supply VCC, see the Powering the MAX6887/MAX6888 section.
10
10
BP
Bypass Voltage. The internally generated voltage at BP supplies power to internal logic and
output RESET. Connect a 1µF capacitor from BP to GND as close to the device as possible. Do
not use BP to supply power to external circuitry.
11
IN6
Input Voltage Detector 6. IN6 monitors both undervoltage and overvoltage conditions. See the
thresholds options (Tables 1 and 2) for available thresholds. IN6 cannot power the device. For
improved noise immunity, bypass IN6 to GND with a 0.1µF capacitor installed as close to the
device as possible.
12
IN5
Input Voltage Detector 5. IN5 monitors both undervoltage and overvoltage conditions. See the
thresholds options (Tables 1 and 2) for available thresholds. IN5 cannot power the device. For
improved noise immunity, bypass IN5 to GND with a 0.1µF capacitor installed as close to the
device as possible.
13
13
IN4
Input Voltage Detector 4. IN4 monitors both undervoltage and overvoltage conditions. See the
thresholds options (Tables 1 and 2) for available thresholds. Power the device through IN1–IN4
or VCC (see the Powering the MAX6887/MAX6888 section). For improved noise immunity,
bypass IN4 to GND with a 0.1µF capacitor installed as close to the device as possible.
14
14
IN3
Input Voltage Detector 3. IN3 monitors both undervoltage and overvoltage conditions. See the
thresholds options (Tables 1 and 2) for available thresholds. Power the device through IN1–IN4
or VCC (see the Powering the MAX6887/MAX6888 section). For improved noise immunity,
bypass IN3 to GND with a 0.1µF capacitor installed as close to the device as possible.
15
15
IN2
Input Voltage Detector 2. IN2 monitors both undervoltage and overvoltage conditions. See the
thresholds options (Tables 1 and 2) for available thresholds. Power the device through IN1–IN4
or VCC (see the Powering the MAX6887/MAX6888 section). For improved noise immunity,
bypass IN2 to GND with a 0.1µF capacitor installed as close to the device as possible.
16
16
IN1
Input Voltage Detector 1. IN1 monitors both undervoltage and overvoltage conditions. See the
thresholds options (Tables 1 and 2) for available thresholds. Power the device through IN1–IN4
or VCC (see the Powering the MAX6887/MAX6888 section). For improved noise immunity,
bypass IN1 to GND with a 0.1µF capacitor installed as close to the device as possible.
11, 12
N.C.
No Connection. Not internally connected.
——
EP
Exposed Paddle. Internally connected to GND. Connect EP to GND or leave unconnected.


Similar Part No. - MAX6888_ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6888_ETE++ MAXIM-MAX6888_ETE+ Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
More results

Similar Description - MAX6888_ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887_10 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com