Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXO45HSLV-5C-M Datasheet(PDF) 5 Page - CTS Corporation

Part # MXO45HSLV-5C-M
Description  METAL DIP CLOCK OSCILLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MXO45HSLV-5C-M Datasheet(HTML) 5 Page - CTS Corporation

  MXO45HSLV-5C-M Datasheet HTML 1Page - CTS Corporation MXO45HSLV-5C-M Datasheet HTML 2Page - CTS Corporation MXO45HSLV-5C-M Datasheet HTML 3Page - CTS Corporation MXO45HSLV-5C-M Datasheet HTML 4Page - CTS Corporation MXO45HSLV-5C-M Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document No. 008-0278-0
Page 5 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MXO45LV/MXO45HSLV
Metal DIP Clock Oscillator
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle:
400 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1
minute transfer time between temperatures.
Mechanical Shock:
1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3
mutually perpendicular planes (18 total shocks).
Sinusoidal Vibration:
0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles
each in 3 mutually perpendicular planes (9 times total).
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid at
+125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent.
Resistance to Solder Heat:
Product must survive 3 reflows of +260°C peak, 10 seconds maximum.
High Temperature Operating Bias:
2,000 hours at +125°C, maximum bias, disregarding frequency shift.
Frequency Aging:
1,000 hours at +85°C, full bias, less than ±5 ppm shift.
Moisture Sensitivity Level:
Level 1 per JEDEC J-STD-020.


Similar Part No. - MXO45HSLV-5C-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXO45HS ETC1-MXO45HS Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
CTS Corporation
MXO45HS CTS-MXO45HS Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45HS-2C ETC1-MXO45HS-2C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
CTS Corporation
MXO45HS-2C CTS-MXO45HS-2C Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45HS-2I ETC1-MXO45HS-2I Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
More results

Similar Description - MXO45HSLV-5C-M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45 ETC1-MXO45 Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com