Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5304AV Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5304AV
Description  Video Buffer with Built-in Analog LPF
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5304AV Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5304AV_06 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5304AV_06 Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM5304AV
SEIKO NPC CORPORATION —8
TYPICAL CHARACTERISTICS
VCC = 5.0V, RFC = 4.3kΩ, Ta = 25°C, unless otherwise noted.
Figure 1. Phase vs Frequency
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
Frequency [MHz]
0.1
1
10
100
90
0
−90
−180
−270
−360
−450
−540
Gain
Phase
6dB
Figure 2. Group Delay vs Frequency
−48
−36
−24
−12
0
12
Frequency [MHz]
50n
110n
90n
70n
130n
150n
0.1
1
10
100
Gain
Group Delay
6dB
Figure 3. Gain vs Frequency (Rfc = 4.3k
Ω)
−24
−18
−12
−6
0
6
12
18
Frequency [MHz]
100
10
1
0.1
0dB
6dB
12dB
Figure 4. Gain vs Frequency (0dB)
−18
−12
−6
0
6
Frequency [MHz]
100
10
1
0.1
Rfc=18k
Rfc=10k
Rfc=4.3k
Rfc=2.7k
0dB
Figure 5. Gain vs Frequency (6dB)
−12
−6
0
6
12
Frequency [MHz]
100
10
1
0.1
6dB
Rfc=18k
Rfc=10k
Rfc=4.3k
Rfc=2.7k
Figure 6. Gain vs Frequency (12dB)
−6
0
6
12
18
Frequency [MHz]
100
10
1
0.1
12dB
Rfc=18k
Rfc=10k
Rfc=4.3k
Rfc=2.7k


Similar Part No. - SM5304AV_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
More results

Similar Description - SM5304AV_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
New Japan Radio
NJM41031 NJRC-NJM41031 Datasheet
151Kb / 11P
   VIDEO AMPLIFIER WITH LPF
logo
Agamem Microelectronic ...
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
   Dual Video Amplifier with LPF
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
logo
New Japan Radio
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com