Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6887FETE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6887FETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6887FETE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6887FETE Datasheet HTML 1Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 2Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 3Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 4Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 5Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 6Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 7Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 8Page - Maxim Integrated Products MAX6887FETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1.25
1.50
1.75
2.00
2.50
2.25
2.75
3.00
1.00
MR TO RESET OUTPUT PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
Hex/Quad, Power-Supply Supervisory Circuits
4
_______________________________________________________________________________________
21
22
23
24
25
26
27
28
29
30
20
IN_ TO RESET OR OV
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
100mV OVERDRIVE
1.525
1.550
1.575
1.600
1.650
1.625
1.675
1.700
1.500
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
0.998
0.997
0.996
0.999
1.000
1.001
1.003
1.002
1.004
1.005
0.995
NORMALIZED IN_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
100
10
1
1000
MAXIMUM IN_ TRANSIENT
vs. IN_THRESHOLD OVERDRIVE
IN_ THRESHOLD OVERDRIVE (mV)
25
50
75
100
125
150
175
200
0
PO_ ASSERTION OCCURS
ABOVE THIS LINE
OUTPUT-VOLTAGE LOW vs. SINK CURRENT
SINK CURRENT (mA)
8
6
24
50
100
150
200
300
250
350
400
0
010
12
14
Pin Description
PIN
MAX6887
MAX6888
NAME
FUNCTION
11
RESET
Open-Drain, Active-Low Reset Output. RESET asserts when any input voltage falls below its
undervoltage threshold or when MR is pulled low. RESET remains low for 200ms after all
assertion-causing conditions are cleared. An external pullup resister is required.
22
WDO
Open-Drain, Active-Low Watchdog Timer Output. Logic output for the watchdog timer function.
WDO goes low when WDI is not strobed high-to-low or low-to-high within the watchdog timeout
period.
33
OV
Open-Drain Active-Low Overvoltage Output. OV asserts when any input voltage exceeds its
overvoltage threshold. OV remains low for 25µs after all overvoltage conditions are cleared.
An external pullup resistor is required.
4
4
GND
Ground
Typical Operating Characteristics (continued)
(VIN1–VIN4 or VCC = 5V, WDI = GND, MARGIN = MR = BP, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6887FETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887FETE MAXIM-MAX6887FETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
More results

Similar Description - MAX6887FETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887_10 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com