Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6887QETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6887QETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6887QETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6887QETE Datasheet HTML 1Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 2Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 3Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 4Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 5Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 6Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 7Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 8Page - Maxim Integrated Products MAX6887QETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Hex/Quad, Power-Supply Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN1–VIN4 or VCC = 2.7V to 5.8V, WDI = GND, MARGIN = MR = BP, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
IN1–IN6, VCC, RESET, OV, WDO .............................-0.3V to +6V
WDI, MR, MARGIN ...................................................-0.3V to +6V
BP .............................................................................-0.3V to +3V
Input/Output Current (all pins)..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin 5mm x 5mm Thin QFN
(derate 20.8mW/°C above +70°C) ..............................1667mW
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
(Note 3)
Voltage on either one of IN1–IN4 or VCC to
guarantee the part is fully operational
2.7
5.8
V
Supply Current
ICC
VIN1 = 5.8V, IN2–IN6 = GND, no load
0.9
1.2
mA
IN1–IN6, IN_ falling, TA = +25°C to +85°C
-1
+1
Threshold Accuracy
(See the Selector Guide)
VTH
IN1–IN6, IN_ falling, TA = -40°C to +85°C
-1.5
+1.5
% VTH
Threshold Hysteresis
VTH-HYST
0.3
% VTH
Threshold Tempco
∆VTH/°C
10
ppm/°C
IN_ Input Impedance
RIN
For VIN_ < highest VIN1IN4 and
VIN_ < VCC (not ADJ), thresholds are not set
as adjustable
130
200
300
k
IN5, IN6 (MAX6887 only)
IN_ Input Leakage Current
IIN
IN1–IN4 set as adjustable thresholds
-150
+150
nA
Power-Up Delay
tD-PO
VCC
≥ 2.5V
2.5
ms
IN_ to RESET or OV Delay
tD-R
IN_ falling/rising, 100mV overdrive
20
µs
RESET Timeout Period
tRP
180
200
220
ms
OV Timeout Period
tOP
25
µs
RESET, OV, and WDO Output
Low
VOL
ISINK = 4mA, output asserted
0.4
V
RESET, OV, and WDO Output
Open-Drain Leakage Current
ILKG
Output high impedance
-1
+1
µA


Similar Part No. - MAX6887QETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887QETE MAXIM-MAX6887QETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
More results

Similar Description - MAX6887QETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887_10 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com