Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40L15CTPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 40L15CTPBF
Description  Schottky Rectifier, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40L15CTPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  40L15CTPBF Datasheet HTML 1Page - Vishay Siliconix 40L15CTPBF Datasheet HTML 2Page - Vishay Siliconix 40L15CTPBF Datasheet HTML 3Page - Vishay Siliconix 40L15CTPBF Datasheet HTML 4Page - Vishay Siliconix 40L15CTPBF Datasheet HTML 5Page - Vishay Siliconix 40L15CTPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94216
4
Revision: 06-Jun-07
40L15CTPbF
Vishay High Power Products
Schottky Rectifier, 40 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 10 V
70
024
IF(AV) - Average Forward Current (A)
80
95
90
100
75
85
16
12
8
4
Square wave (D = 0.50)
See note (1)
20
0
025
14
IF(AV) - Average Forward Current (A)
510
15
20
2
6
10
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
30
4
8
12
RMS limit
100
1000
tp - Square Wave Pulse Duration (µs)
100
10 000
10
1000
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 40L15CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40L15CTPBF VISHAY-40L15CTPBF Datasheet
116Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40L15CTPBF VISHAY-40L15CTPBF Datasheet
162Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 29-Aug-11
40L15CTPBF VISHAY-40L15CTPBF_08 Datasheet
116Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40L15CTPBF VISHAY-40L15CTPBF_12 Datasheet
162Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 29-Aug-11
More results

Similar Description - 40L15CTPBF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
B58195XP MCC-B58195XP Datasheet
531Kb / 3P
   1.5 A Schottky Rectifier 40 Volts
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 12-Sep-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
logo
Micro Commercial Compon...
B5819XP MCC-B5819XP Datasheet
294Kb / 3P
   1.0 A Schottky Rectifier 40 Volts
logo
Vishay Siliconix
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com