Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94SP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 94SP
Description  Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SP Datasheet(HTML) 1 Page - Vishay Siliconix

  94SP_07 Datasheet HTML 1Page - Vishay Siliconix 94SP_07 Datasheet HTML 2Page - Vishay Siliconix 94SP_07 Datasheet HTML 3Page - Vishay Siliconix 94SP_07 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 90009
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 15-Jan-07
325
94SP
Vishay OS-CON
Solid Aluminum Capacitors
with Organic Semiconductor Electrolyte
FEATURES
• High capacity, low ESR. Approximately two
times the capacitance of existing capacitors
and less than half the ESR
• 94SP capacitors are ideal for designing
around MPU’s for computer equipment
PART MARKING Sleeve color: Blue. Marking: White
• Polarity "−"
• Rated voltage
• Capacitance
• Vishay OS-CON
• Lot number
• Type
• Maximum operating temperature (+ 105 °C)
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Operating Temperature Range
- 55 °C to + 105 °C
Capacitance Tolerance at 120 Hz
X0 = ± 20 %
Tangent of Loss Angle (tan
δ) at 120 Hz
≤ Values in Standard Ratings Table
Maximum Leakage Current (µA/2 minutes)(or less)*
0.1 CV
Equivalent Series Resistance (
Ω), (100 k to 300 kHz)
≤ Values in Standard Ratings Table
Temperature Characteristics
Impedance Ratio at 100 kHz
- 55 °C
Z/Z20 °C
1.0 to 1.25
+ 105 °C
Z/Z20 °C
0.75 to 1.0
High Temperature Load (+ 105 °C, 1000 hours)
Rated Voltage Applied
ΔC/C
Within ± 20 % of the initial value
tan
δ≤ 1.5 x the value of Tangent of Loss Angle
Leakage Current
≤ The Value of Max. Leakage Current
Moisture Resistance
(+ 60 °C, 90 to 95 % RH, 1000 hours, no voltage)
ΔC/C
Within ± 20 % of the initial value
tan
δ≤ 2 x the value of Tangent of Loss Angle
Leakage Current
≤ The Value of Max. Leakage Current
Reverse Voltage Guarantee
Temporary:
< 20 % of the rated voltage
Continuous:
< 10 % of the rated voltage
* If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at + 105 °C. The rated voltage should be
applied for all WV.
TEMPERATURE COEFFICIENT RIPPLE CURRENT
AMBIENT TEMPERATURE
COEFFICIENT
~ + 45 °C
1.0
+ 85 °C
0.7
+ 95 °C
0.4
+ 105 °C
0.25
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
∅ D x L
F
∅ d
G (Max.)
K (Max.)
C’
0.248 x 0.197 [6.3 x 5.0]
0.098 ± 0.020 [2.5 ± 0.5]
0.024 [0.6]
0.020 [0.5]
0.020 [0.5]
E’
0.315 x 0.197 [8.0 x 5.0]
0.138 ± 0.020 [3.5 ± 0.5]
0.024 [0.6]
0.031 [0.8]
0.031 [0.8]
F’
0.394 x 0.197 [10.0 x 5.0]
0.197 ± 0.020 [5.0 ± 0.5]
0.024 [0.6]
0.031 [0.8]
0.031 [0.8]
C
0.248 x 0.268 [6.3 x 6.8]
0.098 ± 0.020 [2.5 ± 0.5]
0.024 [0.6]
0.020 [0.5]
0.020 [0.5]
E
0.315 x 0.413 [8.0 x 10.5]
0.138 ± 0.020 [3.5 ± 0.5]
0.024 [0.6]
0.031 [0.8]
0.031 [0.8]
F
0.394 x 0.413 [10.0 x 10.5]
0.197 ± 0.020 [5.0 ± 0.5]
0.024 [0.6]
0.031 [0.8]
0.031 [0.8]
F0
0.394 x 0.787 [10.0 x 20.0]
0.197 ± 0.020 [5.0 ± 0.5]
0.031 [0.8]
0.031 [0.8]
0.031 [0.8]
G
0.492 x 0.866 [12.5 x 22.0]
0.197 ± 0.040 [5.0 ± 1.0]
0.031 [0.8]
0.031 [0.8]
0.031 [0.8]
RoHS
COMPLIANT


Similar Part No. - 94SP_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP107X0004CBP VISHAY-94SP107X0004CBP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP107X0010EBP VISHAY-94SP107X0010EBP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP107X0016FBP VISHAY-94SP107X0016FBP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
More results

Similar Description - 94SP_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Vishay Siliconix
TD20100XXX VISHAY-TD20100XXX Datasheet
609Kb / 8P
   Trantalum Chip Capacitors Sintered Anode, Solid Semiconductor Electrolyte, 125C
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com