Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6832DR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS6832DR
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6832DR Datasheet(HTML) 3 Page - Texas Instruments

  THS6832DR Datasheet HTML 1Page - Texas Instruments THS6832DR Datasheet HTML 2Page - Texas Instruments THS6832DR Datasheet HTML 3Page - Texas Instruments THS6832DR Datasheet HTML 4Page - Texas Instruments THS6832DR Datasheet HTML 5Page - Texas Instruments THS6832DR Datasheet HTML 6Page - Texas Instruments THS6832DR Datasheet HTML 7Page - Texas Instruments THS6832DR Datasheet HTML 8Page - Texas Instruments THS6832DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
over operating free-air temperature range unless otherwise noted(1)
ELECTRICAL
THS6132
VCC
Supply voltage
±16.5 V
VI
Input voltage
±V
CC
IO
Output current
1000 mA
VIO
Differential input voltage
±2 V
THERMAL
Maximum junction temperature, any condition
150
°C
TJ
Maximum junction temperature, continuous operation, long term reliability (2)
125
°C
Tstg
Storage temperature
65
°C to 150°C
ESD
HBM
2000 V
ESD ratings
CDM
1500 V
MM
200 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute-maximum-rated conditions for extended periods may degrade device reliability. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those ispecified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
over recommended operating free-air temperature range, T
A = 25°C, VCC = ±12 V, RF = 2 kΩ,
Gain = +5, I
ADJ = Bias1 = Bias2 = 0 V, RL = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE/DISTORTION PERFORMANCE
Gain = +9.5, 163 kHz to 1.1 MHz DMT,
MTPR
Multitone power ratio
-76
dBc
+20 dBm Line Power, See Figure 1 for circuit
Gain =+5, 25 kHz to 138 kHz with MTPR signal applied,
Receive band spill-over
-95
dBc
See Figure 1 for circuit
Differential load = 200
-88
dBc
2nd harmonic
Differential load = 50
-70
Harmonic distortion, VO(PP) = 2 V
HD
f = 1 MHz
Differential load = 200
-107
dBc
3rd harmonic
Differential load = 50
-84
Vn
Input voltage noise
VCC = ±5 V, ±12 V, ±15 V, f = 100 kHz
3.2
nV/
√Hz
+Input
1.5
In
Input current noise
VCC = ±5 V, ±12 V, ±15 V, f = 100 kHz
pA/
√Hz
-Input
10
RL = 100 Ω
-65
dBc
f = 1 MHz, VO(PP) = 2 V,
Crosstalk
VCC = ±5 V, ±12 V, ±15 V
RL = 25 Ω
-60
dBc
3
Submit Documentation Feedback


Similar Part No. - THS6832DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6832DR TI-THS6832DR Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6832DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_07 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com