Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1539-BTST Datasheet(PDF) 10 Page - ams AG

Part # AS1539-BTST
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539-BTST Datasheet(HTML) 10 Page - ams AG

Back Button AS1539-BTST Datasheet HTML 6Page - ams AG AS1539-BTST Datasheet HTML 7Page - ams AG AS1539-BTST Datasheet HTML 8Page - ams AG AS1539-BTST Datasheet HTML 9Page - ams AG AS1539-BTST Datasheet HTML 10Page - ams AG AS1539-BTST Datasheet HTML 11Page - ams AG AS1539-BTST Datasheet HTML 12Page - ams AG AS1539-BTST Datasheet HTML 13Page - ams AG AS1539-BTST Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 20
AS1539/AS1541
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1539/AS1541 successive approximation register (SAR) A/D converter architecture is based on capacitive
redistribution which inherently includes a sample-and- hold function.
The AS1539/AS1541 core is controlled by an internally generated free-running clock. When the device is not perform-
ing conversions or being addressed, the A/D converter-core and internal clock are powered off.
Figure 22. Simplified I/O Diagram
Analog Input
When the converter enters the hold mode, the voltage on the selected CHx pin is captured on the internal capacitor
array. The input current on the analog inputs depends on the conversion rate of the device. During the sample period,
the source must charge the internal sampling capacitor (typically 15pF). After the capacitor has been fully charged,
there is no further input current. The amount of charge transfer from the analog source to the converter is a function of
conversion rate.
Figure 23. Reference circuit
AS1539/
AS1541
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
REFIN/OUT
GND
A0
SCL
SDA
A1
COM
Microcontroller
0.1 to
10µF
2k
Ω
+2.7 to
+5.25V
+
VDD
0.1 to
10µF
+
1µF
AS1539
CH0:CH7
REFIN/OUT
SDA
0.1 to
10µF
2k
Ω
+2.7 to
+5.25V
+
VDD
1µF
10
Ω
1nF
-
+
VIN


Similar Part No. - AS1539-BTST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1539-BTST AMSCO-AS1539-BTST Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
More results

Similar Description - AS1539-BTST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
logo
Zilog, Inc.
Z8F16800128ZCOG ZILOG-Z8F16800128ZCOG Datasheet
249Kb / 19P
   Optional fast 8-channel, 10-bit Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com