Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

212X10N324FN2 Datasheet(PDF) 1 Page - CTS Corporation

Part # 212X10N324FN2
Description  CTS 212 Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

212X10N324FN2 Datasheet(HTML) 1 Page - CTS Corporation

  212X10N324FN2 Datasheet HTML 1Page - CTS Corporation 212X10N324FN2 Datasheet HTML 2Page - CTS Corporation 212X10N324FN2 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
CTS 212 Rotary
Switches
• Hill and valley detent
• Balanced double bump detent spring
• Excellent feel
• 30˚ or 60˚ indexing
• Spring return styles available
• Adjustable stop available
• Solder lug and printed circuit terminals available
• Molded stator prevents solder from flowing into
the circuit
• Custom switching patterns available
• Index or wafers are available separately
Series 212
Electrical and Mechanical Specifications
Indexing
Double bump spring hill and valley detent with standand
30° indexing for 2 through 12 positions or with special
60° indexing from 2 to 6 positions.
Special 90° indexing consult CTS
Voltage and Current Rating
UL Rating: 3/4 amp at 125 VAC (shorting type only)
Special Rating: 1/4 amp at 28 VDC (shorting or non shorting)
1 amp at 28 VDC (shorting type only)
Contact Resistance
15 milliohms max. when measured from adjacent terminals
Stop Strength
15 in-lb (17.3Kgf-cm).
Torque
Up to 48 in-oz. (3.5Kgf-cm).
Detent Rotational Life
Standard:25,000 cycles through 12 positions and
return at 10 cycles per minute.
Materials
Shaft:Aluminum or unplated brass at CTS option
Bushing:Standard — Brass
Detent Spring: Spring brass or nickel silver depending
on torque requirements
Front Plate: Zinc plated or nickel plated plated steel at CTS option
Rotor Contacts, Stator Contacts and Terminals: Silver plated
brass standard
Stator Insulator: Glass reinforced thermoset material
Bushing Lengths
Standard: 3/8"-32 UNEF-2A Thread,1/4" (6.35mm)
or 3/8" (9.53mm) long.
Special Lengths: Available as required
Locating Lugs
Standard:Left side .531" (13.5mm) radius
Special:Right side .531" (13.5mm) radius or no lug
Shaft Trim
Standard:Plain round
Special:Flat, slot, knurl, or mixed (flat with slot)
Frames
Machine screw, bolt & nut, or rivet construction
Lubrication
Special lubrication is used sufficient for the life
of the index assembly under normal hand operation.
Features
1 - 3
CTS Electronic Components
www.ctscorp.com
• RoHS compliant
01/19/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 212X10N324FN2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212X1002N220FA CTS-212X1002N220FA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220FB CTS-212X1002N220FB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220FN CTS-212X1002N220FN Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220KA CTS-212X1002N220KA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220KB CTS-212X1002N220KB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
More results

Similar Description - 212X10N324FN2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
227 CTS-227 Datasheet
490Kb / 3P
   CTS 227 Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com