Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LISY300ALTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LISY300ALTR
Description  MEMS inertial sensor: single-axis 짹300째/s analog output yaw rate gyroscope
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300ALTR Datasheet(HTML) 4 Page - STMicroelectronics

  LISY300ALTR Datasheet HTML 1Page - STMicroelectronics LISY300ALTR Datasheet HTML 2Page - STMicroelectronics LISY300ALTR Datasheet HTML 3Page - STMicroelectronics LISY300ALTR Datasheet HTML 4Page - STMicroelectronics LISY300ALTR Datasheet HTML 5Page - STMicroelectronics LISY300ALTR Datasheet HTML 6Page - STMicroelectronics LISY300ALTR Datasheet HTML 7Page - STMicroelectronics LISY300ALTR Datasheet HTML 8Page - STMicroelectronics LISY300ALTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Block diagram and pin description
LISY300AL
4/13
Table 2.
Pin description
Pin #
Pin Name
Function
1
NC
Internally not connected
2
GND
0V supply
3
GND
0V supply
4
NC
Internally not connected
5
CACT
Active filter capacitor
6
ANALOG
OUTPUT
Rate signal output voltage
7-9
NC
Internally not connected
10
PD
Power-down (logic 0: normal mode; logic 1: power-down mode)
11
ST
Self-test (logic 0: normal mode; logic 1: self-test)
12-13
Reserved
Leave unconnected
14-15
NC
Internally not connected
16-21
Reserved
Leave unconnected
22
NC
Internally not connected
23
VCONT
PLL filter connection pad #1
24
FILTVDD
PLL filter connection pad #2
25
Vdd
Power supply
26
Vdd
Power supply
27
Vdd
Power supply
28
NC
Internally not connected


Similar Part No. - LISY300ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LISY300AL STMICROELECTRONICS-LISY300AL Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LISY300ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LY530AL STMICROELECTRONICS-LY530AL Datasheet
582Kb / 30P
   MEMS inertial sensor single-axis analog and digital output yaw rate gyroscope
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹300째/s analog gyroscope
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹500째/s analog output gyroscope
LPR530AL STMICROELECTRONICS-LPR530AL Datasheet
225Kb / 12P
   MEMS motion sensor: dual axis pitch and roll 짹300째/s analog gyroscope
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹1500째/s analog output gyroscope
LPY503AL STMICROELECTRONICS-LPY503AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹30째/s analog gyroscope
LY503ALH STMICROELECTRONICS-LY503ALH Datasheet
217Kb / 12P
   MEMS motion sensor: high performance 짹30 째/s analog yaw-rate gyroscope
LPY510AL STMICROELECTRONICS-LPY510AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹100째/s analog gyroscope
LY550ALH STMICROELECTRONICS-LY550ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹500 째/s analog yaw-rate gyroscope
LY5150ALH STMICROELECTRONICS-LY5150ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹1500 째/s analog yaw-rate gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com