Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V43658R04VXTG-10PC Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V43658R04VXTG-10PC
Description  3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V43658R04VXTG-10PC Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V43658R04VXTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 10Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSEL VITELIC
V43658R04V
7
V43658R04V Rev.1.0 March 2002
Notes:
1.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and tRC. Input
signals are changed one time during tCK.
2.
These parameter depend on output loading. Specified values are obtained with output open.
Operating Currents
TA = 0°C to 70°C, VCC = 3.3V ± 0.3V (Recommended operating conditions otherwise noted)
Symbol
Parameter & Test Condition
Max.
Unit
Note
-75PC
/-75
-10PC
ICC1
Operating Current
tRC = tRCMIN., tCK= tCKMIN.
Active-precharge command cycling,
without Burst Operation
1 bank operation
680
600
mA
7
ICC2P
Precharge Standby Current in Power Down Mode
CS =VIH, CKE≤ VIL(max)
tCK = min.
6
6
mA
7
ICC2PS
tCK = Infinity
4
4
mA
7
ICC2N
Precharge Standby Current in Non-Power Down Mode
CS =VIH, CKE≥ VIL(max)
tCK = min.
180
140
mA
ICC2NS
tCK = Infinity
20
20
mA
ICC3N
No Operating Current
tCK = min, CS = VIH(min)
bank ; active state ( 4 banks)
CKE>= VIH(MIN.)
220
180
mA
ICC3P
CKE <= VIL(MAX.)
(Power down mode)
40
40
mA
ICC4
Burst Operating Current
tCK = min
Read/Write command cycling
440
360
mA
7,8
ICC5
Auto Refresh Current
tCK = min
Auto Refresh command cycling
1000
840
mA
7
ICC6
Self Refresh Current
Self Refresh Mode, CKE=<0.2V
66
mA
L-version
3.2
3.2
mA


Similar Part No. - V43658R04VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V43658R04VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-75 MOSEL-V436516R04VATG-75 Datasheet
189Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
V43648Y04VCTG-10PC MOSEL-V43648Y04VCTG-10PC Datasheet
145Kb / 10P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com