Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1070EB Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1070EB
Description  ADM1070 Hot Swap Controller Evaluation Kit Documentation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070EB Datasheet(HTML) 4 Page - Analog Devices

  ADM1070EB Datasheet HTML 1Page - Analog Devices ADM1070EB Datasheet HTML 2Page - Analog Devices ADM1070EB Datasheet HTML 3Page - Analog Devices ADM1070EB Datasheet HTML 4Page - Analog Devices ADM1070EB Datasheet HTML 5Page - Analog Devices ADM1070EB Datasheet HTML 6Page - Analog Devices ADM1070EB Datasheet HTML 7Page - Analog Devices ADM1070EB Datasheet HTML 8Page - Analog Devices ADM1070EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
EVAL-ADM1070EB
EVALUATION BOARD
J8
J9
0V
–48V
BACKPLANE
BOARD
LOAD BOARD
HOT SWAP
Figure 4. The ADM1070 Evaluation Board
Simulating the Setup in Figure 3
Note that the ADM1070 can be employed on BOTH the plug-
in board/module and the backplane sides of a system. This will
provide the system with double protection.
SIGNAL MONITORING
When the Evaluation Board is under testing, many different
signals can be monitored. There are 12 test points on the board
(T1–T12).
T1: 0 V Input (and Output) Line
T2: Voltage at ADM1070 UV/OV Pin
T3: Voltage at ADM1070 TIMER Pin
T4: –48 V Input Line
T5: –48 V Input Line
T6: Voltage at ADM1070 VIN Pin
T7: Voltage at ADM1070 GATE Pin
T8: Voltage at ADM1070 SENSE Pin
T9: Voltage at Source Terminal of MOSFET (normally fed into
ADM1070 SENSE pin). Voltage between this node and
VEE is the voltage across RSENSE, which is used for current
sensing.
T10: –48 V Input Line
T11: 0 V Input (and Output) Line
T12: Voltage at MOSFET Drain Terminal. Lower potential of
output load voltage.
LOAD BOARD
A schematic diagram of a possible load board that emulates the
load on a plug-in module and connects to Connector J9 is
shown below. This board contains a series resistance and
capacitance connected in parallel. A set of jumpers changes the
manner in which the components are applied: resistor only,
capacitor only, RC in parallel, or short circuit.
The board should be set up via the jumpers before power is
applied. For example, to set up the load board to emulate an
RC load, shorting links should be placed into both LK1 A and
B jumpers and LK2 should be left open.
P1–1
P1–2
P1–3
P1–4
P1–5
P1–6
P1–7
P1–8
P1–9
P1–10
P1–11
P1–12
1
2
1
2
3
4
C1
+
LK1
LK2
R1
R2
R3
R4
A
B
Figure 5. Schematic Diagram of Possible Load Board
BACKPLANE BOARD
The user can also employ a Backplane Board that emulates the
backplane side of a user’s system. This board provides an alter-
native way of applying power to the ADM1070 Evaluation Board
(instead of power connectors J1–J4 of Evaluation Board).
The Backplane Board should be inserted into edge Connector
J8 of the ADM1070 Evaluation Board to apply power to the board.
This may be useful when simulating live insertion and removal
events with the ADM1070 Evaluation Kit, especially when simu-
lating a situation where the ADM1070 resides on a plug-in module.
A live insertion event can be recreated by plugging the Backplane
Board (with a live supply) into the ADM1070 Evaluation Board
(into Connector J8).
P1–1
P1–2
P1–3
P1–4
P1–5
P1–6
P1–7
P1–8
P1–9
P1–10
P1–11
P1–12
BANANA
BANANA
J1
J2
Figure 6. Schematic Diagram of Possible Backplane Board


Similar Part No. - ADM1070EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070ART AD-ADM1070ART Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
More results

Similar Description - ADM1070EB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com