Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

212X10N224FD2 Datasheet(PDF) 2 Page - CTS Corporation

Part # 212X10N224FD2
Description  CTS 212 Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

212X10N224FD2 Datasheet(HTML) 2 Page - CTS Corporation

  212X10N224FD2 Datasheet HTML 1Page - CTS Corporation 212X10N224FD2 Datasheet HTML 2Page - CTS Corporation 212X10N224FD2 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Physical Dimensions
DIMENSION:
mm
INCH
Available Terminal Styles
5.74
.226
(7)
Ø38.76
TO OUTSIDE
OF TERMINALS
1.526
.116±.002
X-Style
T-Style
38.0
1.496
2.54
.100 (13)
P-Style
Y-Style
36.6
1.44
4.46
#4-40 PANHEAD SCREWS
2-CLEARANCE HOLES FOR
13.49
26.98
15°
R15.09
Ø1.98
AS REQUIRED
HOLE @ 15°
P.C. BOARD
MOUNTING HOLE
.531
1.062
.076
.594
U-Style
.176
4.95
7.09
7.88
.310
.279
.279
2.79
1.28
.110
.050
DIMENSION:
mm
INCH
Typical Assembled Switch
Detent Only
6.35
.250
*
9.12
.359
1.98
.078
L
A
10.82
.426 *
11.35
.447
6.35
.250
3.18
.125
ARE AVAILABLE TO PROVIDE PIN SPACINGS AS REQ'D
SPACE NO SPACERS OR SPACERS OF NUMEROUS LENGTHS
10.82/.426 DIMENSION BASED UPON USE OF ONE 6.35/.250
* NOTE :
3.56
1.98
7.12
"A"±
"L"±
13.5
0.8
.031
.140
.078
.280
.016
0.4
.531
28.6
1.125
2 - 3
CTS Electronic Components
www.ctscorp.com
Ø2.94±0.05 (2)THR. HOLE
3/8"-32 UNEF 2A THD.
01/19/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 212X10N224FD2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212X1002N220FA CTS-212X1002N220FA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220FB CTS-212X1002N220FB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220FN CTS-212X1002N220FN Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220KA CTS-212X1002N220KA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X1002N220KB CTS-212X1002N220KB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
More results

Similar Description - 212X10N224FD2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
227 CTS-227 Datasheet
490Kb / 3P
   CTS 227 Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com