Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02C5000JF-ND Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 02C5000JF-ND
Description  NTC Thermistors,Coated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

02C5000JF-ND Datasheet(HTML) 3 Page - Vishay Siliconix

  02C5000JF-ND Datasheet HTML 1Page - Vishay Siliconix 02C5000JF-ND Datasheet HTML 2Page - Vishay Siliconix 02C5000JF-ND Datasheet HTML 3Page - Vishay Siliconix 02C5000JF-ND Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 33003
Revision 22-Sep-04
www.vishay.com
20
M, C, T
Vishay Dale
For technical questions, contact thermistor1@vishay.com
Description of Thermistor Tolerances
The many applications of thermistors have mandated the need for two basic tolerance schemes for these products - Curve
Tracking and Point Match Thermistors. An example of the resistance tolerance at various temperatures for the two different
tolerancing methods is described in the following graph:
Curve Tracking Tolerance:
Thermistors are calibrated at the high temperature of the curve track range and then final tested at the low temperature of the
curve track range. This ensures that the thermistor will meet the specified temperature accuracy at every temperature within
the desired temperature range. Several temperature ranges are available and the accuracy of the thermistor may be ± 0.2°C,
± 0.5°C, and ± 1.0°C. The Curve Tracking temperature ranges and their code designators are shown in Figure 1 and Table 1.
To specify, add the appropriate suffix from the following table to the part number.
Example: 1M1002-B3 = Curve 1, 10 kilohms at + 25°C, curve tracking to ± 0.5°C from 0°C to + 70°C
TOLERANCES AVAILABLE FOR TYPE M, C AND T THERMISTORS
TEMPERATURE (
°C)
± 5% POINT MATCH CURVE
± 1°C CURVE TRACK CURVE
25
°C
10
9
8
7
6
5
4
3
2
1
0
A2
A8
A3
A5
A4
STANDARD ELECTRICAL SPECIFICATIONS FOR CURVE TRACKING THERMISTORS
TEMP. RANGE
0
°C to + 70°C- 20°C to + 50°C0°C to + 100°C25°C to + 90°C0°C to + 50°C
TOLERANCE
± 1°C ± 0.5°C ± 0.2°C
± 1°C ± 0.5°C ± 0.2°C
± 1°C ± 0.5°C ± 0.2°C
± 1°C ± 0.5°C ± 0.2°C ± 1°C ± 0.5°C ± 0.2°C
PART NO. SUFFIX
- A3
- B3
- C3
- A2
- B2
- C2
- A4
- B4
- C4
- A5
- B5
- C5
- A8
- B8
- C8
C1
X
X
X
X
X
X
X
X
N/A
X
X
X
X
X
X
U2
X
X
X
X
X
X
X
X
N/A
X
X
X
X
X
X
R4
X
X
X
X
X
X
X
X
N/A
X
X
X
X
X
X
V8
X
X
X
X
X
X
X
X
N/A
X
X
X
X
X
X
E9
X
X
X
X
X
X
X
X
N/A
X
X
X
X
X
X
NTC Thermistors, Coated


Similar Part No. - 02C5000JF-ND

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
02C5000JP VISHAY-02C5000JP Datasheet
132Kb / 6P
   NTC Thermistors Coated
Revision 22-Sep-04
More results

Similar Description - 02C5000JF-ND

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C5001JP VISHAY-01C5001JP Datasheet
132Kb / 6P
   NTC Thermistors, Coated
Revision 22-Sep-04
01T1002FP VISHAY-01T1002FP Datasheet
132Kb / 6P
   NTC Thermistors Coated
Revision 22-Sep-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
07C5002JF VISHAY-07C5002JF Datasheet
91Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 24-Sep-15
logo
EPCOS
B57153S0 EPCOS-B57153S0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
B57238S0259M000 EPCOS-B57238S0259M000_11 Datasheet
313Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com