Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO615A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO615A
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO615A Datasheet(HTML) 2 Page - Vishay Siliconix

  VO615A Datasheet HTML 1Page - Vishay Siliconix VO615A Datasheet HTML 2Page - Vishay Siliconix VO615A Datasheet HTML 3Page - Vishay Siliconix VO615A Datasheet HTML 4Page - Vishay Siliconix VO615A Datasheet HTML 5Page - Vishay Siliconix VO615A Datasheet HTML 6Page - Vishay Siliconix VO615A Datasheet HTML 7Page - Vishay Siliconix VO615A Datasheet HTML 8Page - Vishay Siliconix VO615A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 81753
2
Rev. 1.0, 04-Mar-08
VO615A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Temperature, 110 °C, Rated
Note
For additional information on the possible lead bend and VDE options refer to option information.
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
VO615A-6X006
CTR 100 to 300 %, DIP-4, 400 mil (option 6)
VO615A-7X006
CTR 80 to 160 %, DIP-4, 400 mil (option 6)
VO615A-8X006
CTR 130 to 260 %, DIP-4, 400 mil (option 6)
VO615A-9X006
CTR 200 to 400 %, DIP-4, 400 mil (option 6)
VO615A-X007
CTR 50 to 600 %, SMD-4 (option 7)
VO615A-1X007
CTR 40 to 80 %, SMD-4 (option 7)
VO615A-2X007
CTR 63 to 125 %, SMD-4 (option 7)
VO615A-3X007
CTR 100 to 200 %, SMD-4 (option 7)
VO615A-4X007
CTR 160 to 320 %, SMD-4 (option 7)
VO615A-5X007
CTR 50 to 150 %, SMD-4 (option 7)
VO615A-6X007
CTR 100 to 300 %, SMD-4 (option 7)
VO615A-7X007
CTR 80 to 160 %, SMD-4 (option 7)
VO615A-8X007
CTR 130 to 260 %, SMD-4 (option 7)
VO615A-9X007
CTR 200 to 400 %, SMD-4 (option 7)
VO615A-X009
CTR 50 to 600 %, SMD-4 (option 9)
VO615A-1X009
CTR 40 to 80 %, SMD-4 (option 9)
VO615A-2X009
CTR 63 to 125 %, SMD-4 (option 9)
VO615A-3X009
CTR 100 to 200 %, SMD-4 (option 9)
VO615A-4X009
CTR 160 to 320 %, SMD-4 (option 9)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tP ≤ 10 µs
IFSM
1.5
A
LED power dissipation
at 25 °C
Pdiss
100
mW
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tP/T = 0.5, tP ≤ 10 ms
ICM
100
mA
Output power dissipation
at 25 °C
Pdiss
150
mW
COUPLER
Isolation test voltage (RMS)
t = 1 min
VISO
5000
VRMS
Operating ambient temperature range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 40 to + 125
°C
Soldering temperature (2)
2 mm from case,
≤ 10 s
Tsld
260
°C
ORDER INFORMATION
PART
REMARKS


Similar Part No. - VO615A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A VISHAY-VO615A Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.0, 15-Feb-13
VO615A VISHAY-VO615A Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A VISHAY-VO615A Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A VISHAY-VO615A Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
VO615A VISHAY-VO615A Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2023
More results

Similar Description - VO615A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com