Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615AA-X007 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH615AA-X007
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AA-X007 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH615AA-X007 Datasheet HTML 1Page - Vishay Siliconix SFH615AA-X007 Datasheet HTML 2Page - Vishay Siliconix SFH615AA-X007 Datasheet HTML 3Page - Vishay Siliconix SFH615AA-X007 Datasheet HTML 4Page - Vishay Siliconix SFH615AA-X007 Datasheet HTML 5Page - Vishay Siliconix SFH615AA-X007 Datasheet HTML 6Page - Vishay Siliconix SFH615AA-X007 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83672
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 10-Jan-08
3
SFH615AA/AGB/AGR/ABM/ABL/AY/AB
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Switching Operation (With Saturation)
Fig. 2 - Current Transfer Ratio (Typical) vs. Temperature
COUPLER
Collector emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.4
pF
Collector emitter leakage
current
VCEO = 10 V
SFH615AA
ICEO
10
100
nA
SFH615AGB
ICEO
10
100
nA
SFH615AGR
ICEO
10
100
nA
SFH615ABM
ICEO
10
100
nA
SFH615ABL
ICEO
10
100
nA
SFH615AY
ICEO
10
100
nA
SFH615AB
ICEO
10
100
nA
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 5.0 mA, VCE = 5.0 V
SFH615AA
CTR
50
600
%
SFH615AGB
CTR
100
600
%
SFH615AGR
CTR
100
300
%
SFH615ABM
CTR
200
400
%
SFH615ABL
CTR
200
600
%
SFH615AY
CTR
50
150
%
SFH615AB
CTR
80
260
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 5.0 mA
ton
2.0
µs
Turn-off time
IF = 5.0 mA
toff
25
µs
isfh615aa_01
1k
Ω
VCC =5 V
47
Ω
IF
%
103
5
102
101
- 25
75
25
050
°C
5
TA
isfh615aa_02
IF = 10 mA, VCC = 5.0 V
1
2
3
4
IC
IF


Similar Part No. - SFH615AA-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA-X007 VISHAY-SFH615AA-X007 Datasheet
194Kb / 7P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 19-Apr-04
SFH615AA-X007 VISHAY-SFH615AA-X007 Datasheet
104Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-May-13
SFH615AA-X007 VISHAY-SFH615AA-X007 Datasheet
121Kb / 6P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
01-Jan-2022
More results

Similar Description - SFH615AA-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com