Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO615A-5X006 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VO615A-5X006
Description  Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO615A-5X006 Datasheet(HTML) 7 Page - Vishay Siliconix

  VO615A-5X006 Datasheet HTML 1Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 2Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 3Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 4Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 5Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 6Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 7Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 8Page - Vishay Siliconix VO615A-5X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 81753
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.0, 04-Mar-08
7
VO615A
Optocoupler, Phototransistor Output,
High Temperature, 110 °C, Rated
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
0.029 (0.74)
0.095 (2.41)
0.048 (1.22)
0.012 (0.30)
0.296 (7.52)
i178027-2
0.255 (6.48)
0.268 (6.81)
0.179 (4.55)
0.190 (4.83)
0.030 (0.76)
0.045 (1.14)
0.105 (2.67)
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
3° to 9°
0.052 (1.32)
0.008 (0.20)
0.033 (0.84)
0.250 (6.35)
0.230 (5.84)
ISO Method A
0.312 (7.92)
Pin 1 Identifier
0.110 (2.79)
0.130 (3.30)
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.307 (7.8)
0.291 (7.4)
0.407 (10.36)
0.391 (9.96)
Option 6
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
Option 7
20802
0.300 (7.62)
typ.
0.150 (3.81)
0.130 (3.30)
0.472 (12.00)
max.
0.365 (9.27)
min.
0.020 (0.50)
0.000 (0.00)
Option 8
min.
15° max.
Option 9
0.375 (9.53)
0.395 (10.03)
0.312 (7.92)
0.020 (0.51)
0.040 (1.02)
0.315 (8.00)
0.040 (0.102)
0.098 (0.249)
0.012 (0.30)
0.296 (7.52)
0.008 (0.20)
0.315 (8.00) min.
0.060 (1.52)
0.435 (11.05)
0.392 (9.95) min.
R 0.010 (0.25)
0.315 (8.00) min.
0.060 (1.52)
0.435 (11.05)
R 0.010 (0.25)
0.060 (1.52)
R 0.010 (0.25)
0.512 (13.00)


Similar Part No. - VO615A-5X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A-5X006 VISHAY-VO615A-5X006 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
More results

Similar Description - VO615A-5X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
TCET111 VISHAY-TCET111 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2022
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH1617A VISHAY-SFH1617A_V02 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2023
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
SFH1617A VISHAY-SFH1617A_V01 Datasheet
160Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
01-Jan-2022
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH1617A VISHAY-SFH1617A_17 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5000 VRMS, 110 °C Rated
Rev. 2.1, 10-May-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com