Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD12D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD12D
Description  3.3-V RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD12D Datasheet(HTML) 2 Page - Texas Instruments

  SN75HVD12D Datasheet HTML 1Page - Texas Instruments SN75HVD12D Datasheet HTML 2Page - Texas Instruments SN75HVD12D Datasheet HTML 3Page - Texas Instruments SN75HVD12D Datasheet HTML 4Page - Texas Instruments SN75HVD12D Datasheet HTML 5Page - Texas Instruments SN75HVD12D Datasheet HTML 6Page - Texas Instruments SN75HVD12D Datasheet HTML 7Page - Texas Instruments SN75HVD12D Datasheet HTML 8Page - Texas Instruments SN75HVD12D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505I – FEBRUARY 2002 – REVISED JULY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
SIGNALING
UNIT LOADS
TA
SOIC MARKING
RATE
SOIC(1)
PDIP
32 Mbps
1/2
SN65HVD10D
SN65HVD10P
VP10
10 Mbps
1/8
-40°C to 85°C
SN65HVD11D
SN65HVD11P
VP11
1 Mbps
1/8
SN65HVD12D
SN65HVD12P
VP12
32 Mbps
1/2
SN75HVD10D
SN75HVD10P
VN10
10 Mbps
1/8
-0°C to 70°C
SN75HVD11D
SN75HVD11P
VN11
1 Mbps
1/8
SN75HVD12D
SN75HVD12P
VN12
32 Mbps
1/2
SN65HVD10QD
SN65HVD10QP
VP10Q
-40°C to 125°C
10 Mbps
1/8
SN65HVD11QD
SN65HVD11QP
VP11Q
(1)
The D package is available taped and reeled. Add an R suffix to the part number (i.e., SN75HVD11DR).
over operating free-air temperature range unless otherwise noted (1)(2)
SN65HVD10, SN75HVD10,
SN65HVD11, SN75HVD11,
SN65HVD12, SN75HVD12
UNIT
VCC
Supply voltage range
-0.3 V to 6 V
Voltage range at A or B
-9 V to 14 V
Input voltage range at D, DE, R or RE
-0.5 V to VCC + 0.5 V
Voltage input range, transient pulse, A and B, through 100
Ω, see Figure 11
-50 V to 50 V
IO
Receiver output current
-11 mA to 11 mA
A, B, and GND
16 kV
Human body model(3)
Electrostatic discharge
All pins
4 kV
Charged-device model(4)
All pins charge
1 kV
Continuous total power dissipation
See Dissipation Rating Table
TJ
Junction temperature
170
°
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
TA = 125°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D(2)
597 mW
4.97 mW/°C
373 mW
298 mW
100 mW
D(3)
990 mW
8.26 mW/°C
620 mW
496 mW
165 mW
P
1290 mW
10.75 mW/°C
806 mW
645 mW
215 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
Tested in accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
Tested in accordance with the High-K thermal metric definitions of EIA/JESD51-7.
2
Submit Documentation Feedback


Similar Part No. - SN75HVD12D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD12D TI-SN75HVD12D Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN75HVD12D TI-SN75HVD12D Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DG4 TI-SN75HVD12DG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DR TI-SN75HVD12DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD12DR TI-SN75HVD12DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD12D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com