Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD11QD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11QD
Description  3.3-V RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD11QD Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD11QD Datasheet HTML 1Page - Texas Instruments SN65HVD11QD Datasheet HTML 2Page - Texas Instruments SN65HVD11QD Datasheet HTML 3Page - Texas Instruments SN65HVD11QD Datasheet HTML 4Page - Texas Instruments SN65HVD11QD Datasheet HTML 5Page - Texas Instruments SN65HVD11QD Datasheet HTML 6Page - Texas Instruments SN65HVD11QD Datasheet HTML 7Page - Texas Instruments SN65HVD11QD Datasheet HTML 8Page - Texas Instruments SN65HVD11QD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505I – FEBRUARY 2002 – REVISED JULY 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going input threshold
VIT+
IO = -8 mA
-0.01
voltage
V
Negative-going input threshold
VIT-
IO = 8 mA
-0.2
voltage
Vhys
Hysteresis voltage (VIT+ - VIT-)
35
mV
VIK
Enable-input clamp voltage
II = -18 mA
-1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = -8 mA,
See Figure 7
2.4
V
VOL
Low-level output voltage
VID = -200 mV,
IOL = 8 mA,
See Figure 7
0.4
V
IOZ
High-impedance-state output current
VO = 0 or VCC
RE at VCC
-1
1
µA
VA or VB = 12 V
0.05
0.11
VA or VB = 12 V,
VCC = 0 V
0.06
0.13
HVD11, HVD12,
mA
Other input at 0 V
VA or VB = -7 V
-0.1
-0.05
VA or VB = -7 V,
VCC = 0 V
-0.05
-0.04
II
Bus input current
VA or VB = 12 V
0.2
0.5
VA or VB = 12 V,
VCC = 0 V
0.25
0.5
HVD10,
mA
Other input at 0 V
VA or VB = -7 V
-0.4
-0.2
VA or VB = -7 V,
VCC = 0 V
-0.4
-0.15
IIH
High-level input current, RE
VIH = 2 V
-30
0
µA
IIL
Low-level input current, RE
VIL = 0.8 V
-30
0
µA
CID
Differential input capacitance
VID = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
15
pF
RE at 0 V,
Receiver enabled and driver
D & DE at 0 V,
4
8
mA
disabled
No load
RE at VCC,
D at VCC,
Receiver disabled and driver
ICC
Supply current
1
5
µA
DE at 0 V,
disabled (standby)
No load
RE at 0 V,
Receiver enabled and driver
D & DE at VCC,
9
15.5
mA
enabled
No load
(1)
All typical values are at 25°C and with a 3.3-V supply.
5
Submit Documentation Feedback


Similar Part No. - SN65HVD11QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11QD TI-SN65HVD11QD Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD11QD TI-SN65HVD11QD Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11QDG4 TI-SN65HVD11QDG4 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11QDR TI-SN65HVD11QDR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD11QDREP TI-SN65HVD11QDREP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD11QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com