Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCFU7332Z6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCFU7332Z6
Description  Ceramic Disc Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFU7332Z6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCFU7332Z6 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCFU7332Z6 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFU7332Z6 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFU7332Z6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCBU, MCFU Series
Ceramic Disc Capacitors
Page 3
31/08/06 V1.0
Tolerance Code:
Code
Tolerance
K
±10%
Z
+80 to -20%
Lead Configuration Code - Bulk and Taping Package:
Bulk Lead Code
Taping Lead Code
Configuration and Dimension
Kinked/Straight
Lead Space
(F)
Minimum Lead Length
(L)
Remarks
5
-
Straight
2.5
25
-
6
G or L
Straight
5.0
25
G = Ammo,
L = Reel
Dimensions : Millimetres
Part Number Table:
Description
Part Number
Capacitor, 100PF 50V
MCBU5101K5
Capacitor, 220PF 50V
MCBU5221K5
Capacitor, 330PF 50V
MCBU5331K5
Capacitor, 470PF 50V
MCBU5471K5
Capacitor, 1.0NF 50V
MCBU5102K5
Capacitor, 2.2NF 50V
MCBU6222K6
Capacitor, 3.3NF 50V
MCBU7332K6
Capacitor, 4.7NF 50V
MCBU8472K6
Capacitor, 1NF 50V
MCFU5102Z5
Capacitor, 2.2NF 50V
MCFU5222Z5
Capacitor, 4.7NF 50V
MCFU5472Z5


Similar Part No. - MCFU7332Z6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFUM5 ETC1-MCFUM5 Datasheet
63Kb / 3P
   Monolithic Crystal Filters (MCFs)
More results

Similar Description - MCFU7332Z6

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com