Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03HBN360-10 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MP03HBN360-10
Description  Dual Thyristor, Thyristor/Diode Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03HBN360-10 Datasheet(HTML) 6 Page - Dynex Semiconductor

  MP03HBN360-10 Datasheet HTML 1Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 2Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 3Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 4Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 5Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 6Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 7Page - Dynex Semiconductor MP03HBN360-10 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP03XXX360
6/8
www.dynexsemi.com
040
80
120
0
200
400
1200
1000
800
600
400
200
0
100
60
20
Maximum ambient temperature - (˚C)
D.C. output current - (A)
600
R - Load
L - Load
Rth(hs-a) ˚C/W
0.02
0.04
0.08
0.10
0.12
0.15
0.20
0.40
0.30
1400
Fig. 11 50/60Hz single phase bridge dc output current vs power loss and maximum permissible ambient temperature for
various values of heatsink thermal resistance
(Note: R
th(hs-a) values given above are true heatsink thermal resistances to ambient and already account for Rth(c-hs) module contact thermal)
Fig. 12 50/60Hz 3- phase bridge dc output current vs power loss and maximum permissible ambient temperature for
various values of heatsink thermal resistance
(Note: R
th(hs-a) values given above are true heatsink thermal resistances to ambient and already account for Rth(c-hs) module contact thermal)
040
80
120
0
200
400
1200
1000
800
600
400
200
0
100
60
20
Maximum ambient temperature - (˚C)
D.C. output current - (A)
600
R & L- Load
Rth(hs-a) ˚C/W
0.02
0.04
0.08
0.10
0.12
0.15
0.20
0.30
0.40


Similar Part No. - MP03HBN360-10

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
MP03 AURIS-MP03 Datasheet
168Kb / 1P
   Quartz SMD
MP03 AURIS-MP03 Datasheet
255Kb / 1P
   Quartz SMD
logo
Dynex Semiconductor
MP03/130-16 DYNEX-MP03/130-16 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03/130-18 DYNEX-MP03/130-18 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03/130-20 DYNEX-MP03/130-20 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP03HBN360-10

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04HBT590-18 DYNEX-MP04HBT590-18 Datasheet
231Kb / 10P
   Dual Thyristor, Thyristor/Diode Module
MP04HBT490-28 DYNEX-MP04HBT490-28 Datasheet
205Kb / 9P
   Dual Thyristor, Thyristor/Diode Module
logo
Diotech Company.
MT200CB08T2 DIOTECH-MT200CB08T2 Datasheet
1Mb / 5P
   THYRISTOR DIODE MODULE
logo
SEMPO ELECTRONIC Limite...
SMDT-70I SEMPO-SMDT-70I Datasheet
50Kb / 1P
   Diode-Thyristor Module
SMDT-90 SEMPO-SMDT-90 Datasheet
78Kb / 1P
   Diode-Thyristor Module
SMDT-130 SEMPO-SMDT-130 Datasheet
454Kb / 1P
   Diode-Thyristor Module
SMDT-130I SEMPO-SMDT-130I Datasheet
61Kb / 1P
   Diode-Thyristor Module
SMDT-160H SEMPO-SMDT-160H Datasheet
45Kb / 1P
   Diode-Thyristor Module
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-650I SEMPO-SMTD-650I Datasheet
81Kb / 1P
   THYRISTOR-DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com