Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE47A Datasheet(PDF) 4 Page - STMicroelectronics

Part # P6KE47A
Description  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE47A Datasheet(HTML) 4 Page - STMicroelectronics

  P6KE47A Datasheet HTML 1Page - STMicroelectronics P6KE47A Datasheet HTML 2Page - STMicroelectronics P6KE47A Datasheet HTML 3Page - STMicroelectronics P6KE47A Datasheet HTML 4Page - STMicroelectronics P6KE47A Datasheet HTML 5Page - STMicroelectronics P6KE47A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.001
0.01
0 .1
1
10
100
Ppp (W)
Fig. 2 : Peak pulse power versus exponential pulse duration.
Fig. 3 : Clamping voltage versus peak pulse current.
exponential waveform : t p = 20
µs________
t p = 1 ms-------------
t p =10 ms ...............
Note : The curves of the figure 3 are specified for a junction temperature of 25
°C beforesurge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆V (BR) = αT (V(BR)) * [Ta -25] * V (BR).
For intermediate voltages, extrapolate the given results.
P6KExx
4/6


Similar Part No. - P6KE47A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
P6KE47A TAITRON-P6KE47A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
Microdiode Electronics ...
P6KE47A CHENDA-P6KE47A Datasheet
646Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
P6KE47A ZOWIE-P6KE47A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE47A MOTOROLA-P6KE47A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE47A VISHAY-P6KE47A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE47A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
STMicroelectronics
SM15T6V8C STMICROELECTRONICS-SM15T6V8C Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
logo
SeCoS Halbleitertechnol...
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
logo
New Jersey Semi-Conduct...
PF8Z6V8 NJSEMI-PF8Z6V8 Datasheet
163Kb / 2P
   UNI - AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
STMicroelectronics
ICTE5S STMICROELECTRONICS-ICTE5S Datasheet
286Kb / 4P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS DIODES DE PORTECTION UNI- ET BIDIRECTIONNELLES
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Mean Well Enterprises C...
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
   600W Ultra-High Peak Power Supply
2022-03-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com