Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD211RM Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD211RM
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 7Page - STMicroelectronics PSD211RM Datasheet HTML 8Page - STMicroelectronics PSD211RM Datasheet HTML 9Page - STMicroelectronics PSD211RM Datasheet HTML 10Page - STMicroelectronics PSD211RM Datasheet HTML 11Page - STMicroelectronics PSD211RM Datasheet HTML 12Page - STMicroelectronics PSD211RM Datasheet HTML 13Page - STMicroelectronics PSD211RM Datasheet HTML 14Page - STMicroelectronics PSD211RM Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Table 1.
PSD211R Pin
Descriptions
(cont.)
PSD211R Family
8
Name
Type
Description
These pins make up Port C. These port pins are configurable, and
can have the following functions (see Figure 7):
1. PAD input—when configured as an input, a bit individually
PC0
becomes an address or a logic input, depending on your PSDsoft
PC1
I/O
design file. When declared as an address, the bits are latched
PC2
with ALE/AS.
2. PAD output—when configured as an output (i.e. there is an
equation written for it in your PSDsoft design file), there is one
product term available to it.
AD0
AD1
AD2
These pins are the multiplexed, low-order address/data byte
AD3
I/O
(AD0-AD7). As inputs, address information is latched by the ALE/AS
AD4
signal and used internally by the PSD. The pins also serve as MCU
AD5
data bus inputs or outputs, depending on the MCU control signals
AD6
(RD, WR, etc.).
AD7
A8
A9
A10
A11
I/O
These pins are the high-order address inputs (A8-A15).
A12
A13
A14
A15
GND
P
Ground Pin
VCC
P
Supply voltage input.
Legend: The Type column abbreviations are: I = input only; I/O = input/output; P = power.


Similar Part No. - PSD211RM

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSD2-A-0505E PEAK-PSD2-A-0505E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
PSD2-A-0509E PEAK-PSD2-A-0509E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
PSD2-A-0512E PEAK-PSD2-A-0512E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
PSD2-A-0515E PEAK-PSD2-A-0515E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
PSD2-A-053R3E PEAK-PSD2-A-053R3E Datasheet
358Kb / 4P
   1.5 kV - 3 kV DC I/O Isolation
More results

Similar Description - PSD211RM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com