Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W69-X2S3-20 Datasheet(PDF) 1 Page - Tyco Electronics

Part # W69-X2S3-20
Description  Magnetic Hydraulic Circuit Breakers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W69-X2S3-20 Datasheet(HTML) 1 Page - Tyco Electronics

  W69-X2S3-20 Datasheet HTML 1Page - Tyco Electronics W69-X2S3-20 Datasheet HTML 2Page - Tyco Electronics W69-X2S3-20 Datasheet HTML 3Page - Tyco Electronics W69-X2S3-20 Datasheet HTML 4Page - Tyco Electronics W69-X2S3-20 Datasheet HTML 5Page - Tyco Electronics W69-X2S3-20 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• Designed for the international market. UL Recognized, CSA Certified,
and VDE approved.
• Ratings to 50 amps.
• Heavy duty #10-32 stud connections. (W9)
• Optional 10 amp auxiliary switch.
• Optional snap-in mounting. (W6)
• Several delay curve options.
• Trip-free operation.
Agency Approvals
UL:
Recognized as Supplementary Protector under UL 1077. File
E69543.
CSA: Certified as a Supplementary Protector. File LR15734.
VDE: Approved to VDE 0642/EN 60 934 (Circuit Breakers for Equipment)
License No. 73782.
Mechanical/Environmental Data
Operating Temperature: -40°C to +85°C.
Humidity: Meets requirements of Mil-STD-202 method 103.
Shock: Tested per Mil-STD-202, method 213, test condition C
(100g @ 6 ms).
Vibration:Tested per Mil-STD-202, method 201, 10-55 Hz., 0.06" (1.52mm)
total excursion in 2 planes.
Fungus And Moisture Resistance: Special moisture resistant finish
applied to all ferrous parts.
Plastic parts are made of inherently
fungus resistant material.
Marking: W6 units have ON and OFF molded on the rocker of rocker
actuated units (rocker actuated VDE units have international
“1” and “0”). W9 units have ON and OFF molded into the area
at the base of the toggle. International “1” and “0” symbols are
marked on the toggle for both W6 and W9.
Mounting: Panel mounted units are mounted with two #6-32 screws
from the front of the panel. Metric models for use with M3 x
0.5 screws are available. Units with snap-in mounting option
snap through the front of the panel. To maintain published
performance specifications, units should not be mounted
more than 90° from their normal upright position.
Weight: Approximately 2.5 ounces per pole.
W6/W9 series
Magnetic Hydraulic
Circuit Breakers
Electrical Data
Auxiliary Switch: See Auxiliary Switch Ratings Table 2 for details.
Calibration: Breakers will hold 100% of rated current. Breakers may trip
between 101% and 124% of rated load (149% for 400 Hz.
units and 134% for AC/DC units). Breakers must trip at
125% of rated load and above (150% for 400 Hz. units and
135% for AC/DC units).
Dielectric Strength: 50/60 or 400 Hz., 1500V: DC, 1100V.
Insulation Resistance: 100 Megohms at 500VDC.
Endurance: 10,000 on/off cycles - 6000 at rated load, 4000 at no load.
Units tested at six cycles per minute, 1 second on and 9
seconds off at 25°C ambient.
Approvals and Ratings Table 1
Typical Resistance and Impedance
DC
50/60 Hz.
400 Hz.
Current
Resistance
Impedance
Impedance
(Amps)
(Ohms)
(Ohms)
(Ohms)
0.2
90
90
180
1.0
1.2
1.2
2.0
2.0
0.28
0.28
0.50
5.0
0.04
0.04
0.05
10.0
0.013
0.013
0.025
20.0
0.004
0.005
0.0065
30.0
0.0027
0.004
0.004
40.0
0.002
0.002
0.003
50.0
0.0015
0.0015
0.0025
Tolerance: 0.1 - 4.99 ± 15%; 5 - 9.99 ± 20%; 10 - 15 ± 25%; 16 - 30 ± 50%.
W9 Series
UL/CSA (All Circuit Functions)
W9 Series
VDE (Circuit Function X)
Current
Interrupting
Current
Interrupting
Maximum
Frequency
Phase
Rating
Capacity
Maximum
Frequency
Phase
Rating
Capacity
Voltage
(Hz)
(Amps)
(Amps)
Voltage
(Hz)
(Amps)
(Amps)
65
DC
-
0.2 - 50
2,000
65
DC
-
0.2-50
2,000
277
50/60
1
0.2 - 50
5,000
250
50/60
1
0.2-30
5,000
277/480
50/60
3Ø-Wye
0.2 - 20
5,000
250
50/60
1
31-50
2,000
250
400
1
0.2 - 50
2,500
415/240
50/60
0.2-30
5,000
250
400
3Ø-Wye
0.2 - 50
2,500
W6 Series
UL/CSA (All Circuit Functions)
W6 Series
VDE (Circuit Function X)
Current
Interrupting
Current
Interrupting
Maximum
Frequency
Phase
Rating
Capacity
Maximum
Frequency
Phase
Rating
Capacity
Voltage
(Hz)
(Amps)
(Amps)
Voltage
(Hz)
(Amps)
(Amps)
65
DC
-
0.2 - 50
2,000
65
DC
-
0.2-50
2,000
277
50/60
1
0.2 - 20
5,000
250
50/60
1
0.2-30
5,000
277
50/60
1
21 - 50
2,500
250
50/60
1
31-50
2,000
277/480
50/60
3Ø-Wye
0.2 - 20
5,000
415/240
50/60
0.2-30
5,000
250
400
1
0.2 - 20
2,500
250
400
1
21 - 50
1,250
250
400
3Ø-Wye
0.2 - 20
2,500
Approvals and Ratings Table 2
UL/CSA
VDE
Switch
Voltage
Current
Terminals
Switch
Voltage
Current
Terminals
Number
50/60 Hz.
(Amps)
WxTxL
Number
50/60 Hz.
(Amps)
WxTxL
A
125
10
.093 x .020 x .250
V1
250
10
.110 x .020 x .280
(2.36 x .51 x 6.40)
V2
250
5
(2.79 x .51 x 7.11)
V3
250
0.1


Similar Description - W69-X2S3-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com