Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBD1311URFUGHYS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LBD1311URFUGHYS
Description  BAR GRAPM LED DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LBD1311URFUGHYS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LBD1311URFUGHYS Datasheet HTML 2Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 3Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 4Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 5Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 6Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 7Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 8Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 9Page - List of Unclassifed Manufacturers LBD1311URFUGHYS Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Forward Voltage Per Die
Reverse Current Per Die
Luminous Intensity Matching Ratio
HYS(F1,F2,F3)
Average Luminous Intensity
Spectral Line Half-Width
Dominant Wavelength
PARAMETER
TEST CONDITION
IF=10mA
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
1.7
V
2.8
VF
1.9
IR
Iv-m
μA
10
2:1
TYP.
SYMBOL
Iv
λd
Δλ
108
180
587
15
MIN.
UNIT
mcd
nm
nm
MAX.
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
ELECTRICAL /OPTICAL CHARACTERISTICS AT T A=25
PART NO. LBD1311URFUGHYS-XX/RP55
Page 5/9
SYMBOL
YELLOW(A2,B2,C2,D2,E2)
Forward Voltage Per Die
Reverse Current Per Die
Luminous Intensity Matching Ratio
Average Luminous Intensity
Spectral Line Half-Width
Dominant Wavelength
Iv-m
VF
IR
PARAMETER
Iv
Δλ
λd
TEST CONDITION
1.7
1.9
2:1
V
μA
2.8
10
MAX.
30
18
15
587
MIN.
TYP.
mcd
nm
nm
UNIT
IF=10mA
VR=5V
IF=20mA
IF=10mA
IF=20mA
IF=20mA


Similar Part No. - LBD1311URFUGHYS

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD1311URFUGHYS-XX-RP55 LIGITEK-LBD1311URFUGHYS-XX-RP55 Datasheet
169Kb / 10P
   BAR GRAPM LED DISPLAY
More results

Similar Description - LBD1311URFUGHYS

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD1311URFUGHYS-XX-RP55 LIGITEK-LBD1311URFUGHYS-XX-RP55 Datasheet
169Kb / 10P
   BAR GRAPM LED DISPLAY
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-24-XX-P3-PF LIGITEK-LBD101-24-XX-P3-PF Datasheet
156Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-26F-XX-PF LIGITEK-LBD101-26F-XX-PF Datasheet
131Kb / 9P
   BAR DIGIT LED DISPLAY
LBD142A-XX-RP25 LIGITEK-LBD142A-XX-RP25 Datasheet
145Kb / 10P
   BAR DIGIT LED DISPLAY
LBD336C-XXB LIGITEK-LBD336C-XXB Datasheet
190Kb / 10P
   BAR DIGIT LED DISPLAY
LBD356B-XX LIGITEK-LBD356B-XX Datasheet
181Kb / 11P
   BAR DIGIT LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2014-XX LIGITEK-LBD2014-XX Datasheet
109Kb / 7P
   LIGHT BAR LED DISPLAY
LBD2413-XX-PF LIGITEK-LBD2413-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com