Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMH-C170 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMH-C170
Description  Surface Mount Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMH-C170 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HSMH-C170 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMH-C170 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is
± 0.1 mm (± 0.004 in.)unless otherwise specified.
Figure 14. Tape Dimensions.
Figure 15. Tape Leader and Trailer Dimensions.
Convective IR Reflow
Soldering
For more information on IR
reflow soldering, refer to
Application Note 1060, Surface
Mounting SMT LED Indicator
Components.
END
START
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MOUNTED WITH
COMPONENTS
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MINIMUM OF
230 mm
(9.05 INCH)
MAY CONSIST
OF CARRIER
AND/OR
COVER TAPE.
Storage Condition: 5 to 30˚ C
@ 60% RH max.
Baking is required under the
condition:
a) the blue silica gel indicator
becoming white/transparent color
b) the pack has been opened for
more than 1 week
Baking recommended condition:
60 +/– 5˚C for 20 hours.
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 (0.157)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 (0.157)
1.50 (0.059)
HSMx-C150 SERIES
3.75 (0.148)
2.10 (0.083)
1.30 (0.051)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (0.004)
DIM. B
± 0.10 (0.004)
PART NUMBER
DIM. C
± 0.10 (0.004)
HSMx-C170 SERIES
2.40 (0.094)
1.60 (0.063)
1.20 (0.047)
HSMx-C190 SERIES
1.80 (0.071)
0.95 (0.037)
0.87 (0.034)
HSMx-C110 SERIES
3.40 (0.134)
1.70 (0.067)
1.20 (0.047)
HSMx-C110
POSITION IN
CARRIER TAPE
DIM. B
(SEE TABLE 1)
DIM. A
(SEE TABLE 1)
R 1.0 ± 0.05
(0.039 ± 0.002)
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6271 2451
India, Australia, New Zealand: (+65) 6271 2394
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 6271 2194
Malaysia, Singapore: (+65) 6271 2054
Taiwan: (+65) 6271 2654
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
Obsoletes 5988-1858EN
April 30, 2002
5988-6271EN


Similar Part No. - HSMH-C170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMH-C170 HP-HSMH-C170 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMH-C170 AVAGO-HSMH-C170 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMH-C170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com