Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5T8UL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F5T8UL
Description  Snap-action Microswitches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F5T8UL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F5T8UL Datasheet HTML 1Page - List of Unclassifed Manufacturers F5T8UL Datasheet HTML 2Page - List of Unclassifed Manufacturers F5T8UL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.saia-burgess.com
saia-burgess Switches
F5
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Over
Actuator
Reference
Force
Force
Position
Position
Differential
travel
Maximum
Minimum
Maximum
Maximum
(N)
(ozf)
(N)
(ozf)
(mm)
(in)
(mm)
(in)
(mm)
(in)
Plunger
F5T8
1,4
5,00
0,25
0,90
9.5
0,37
8,75 ± 0,3
0,34 ± 0,012
0,13
0,005
*
Y1-Lever
F5T8Y1
0,6
2,20
0,07
0,25
10,7
0,42
8,8 ± 1,1
0,35 ± 0,04
0,70
0,030
*
Width of lever 3.0 mm/0.12 in
YC-Lever
F5T8YC
0,7
2,50
0,09
0,32
12.4
0,49
10,9 ± 0.85 0,43 ± 0,03
0,45
0,020
*
Width of lever 3.0 mm/0.12 in
Operating characteristics are specified from the terminal shoulder.
* Plunger can be depressed flush with housing. The housing should not be used as an end stop.
R2.4
Burgess
Burgess
Burgess
[0.09]
[0.83]
[0.3]
7.5
16.9
[0.67]
[0.3]
21.0
7.5
[0.06]
1.6
[0.13]
3.4
R2.4
Burgess
Burgess
Burgess
[0.09]
[0.83]
[0.3]
7.5
16.9
[0.67]
[0.3]
21.0
7.5
[0.06]
1.6
[0.13]
3.4
R2.4
Burgess
Burgess
Burgess
[0.09]
[0.83]
[0.3]
7.5
16.9
[0.67]
[0.3]
21.0
7.5
[0.06]
1.6
[0.13]
3.4
Basic type
F5
Terminals
T8
PCB
1.27  0.5  3.0 long
Circuit
No symbol, change-over
C2
Normally closed
C4
Normally open
Actuators
No symbol, without lever
Y1
Plain lever 21.0 mm
YC
Cam follower lever 16.9 mm
Contact Material
No symbol, Ag
GP
Gold plate on Ag (GP)
Approvals
No symbol, without approval
UL
UL and CSA approval
Special Features
/

Saia-Burgess specialise in customer specific solutions.
Additional product variants are available or can be provided.
If your requirements cannot be satisfied from the options listed,
please contact www.saia-burgess.com or your local SB outlet.
Type coding key for standard products
Example: F5
T8
C2
Y1
GP
UL
22 |
23
Inhalt_englisch_1.indd 23
7.12.2005 13:58:15 Uhr


Similar Description - F5T8UL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
   SNAP-ACTION MICROSWITCHES
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
   Snap-action Microswitches
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
   Snap-action Microswitches
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com