Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2EL-X5E12M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2EL-X5E12M
Description  Cylindrical Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EL-X5E12M Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2EL-X5E12M Datasheet HTML 1Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 2Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 3Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 4Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 5Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 6Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 7Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 8Page - Omron Electronics LLC E2EL-X5E12M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E2EL
E2EL
4
Stainless steel type
Type
6,5
M8
M12
M18
Operating voltage
10 to 35 VDC
Rated supply voltage
24 VDC
Current consumption
max. 15 mA at 24 VDC
Mounting (see note 1)
Shielded
Sensing object
Ferrous metals
Operating distance in mm
2,0
2,0
4,0
8,0
Tolerance of operating distance
±
10%
Standard target size
(L x W x H in mm, FE 37)
6,5x6,5x1
8x8x1
12x12x1
24x24x1
Differential
travel
1 % ... 15 % of operating distance
Max. response frequency in kHz
4,0
4,0
0,6
0,25
Control output
Type
E2EL–... E1 type: NPN–NO
E2 type: NPN–NC
F1 type: PNP–NO
F2 type: PNP–NC
Max–Load
200 mA
Max–on–state
Voltage drop
2,5 VDC (at 200mA load current and with 2 m cable)
Circuit protection
Reverse polarity, output short–circuit
Indicator
Operating indicator (yellow LED)
Ambient temperature
Operating: –25° to 70°C
Humidity
35 to 95 % RH
Influence of temperature
±
10 % max. of Sn at 23°C in temperature range of –25° to 70°C
Dielectric strength
1.500 VAC, 50/60 Hz for 1 min. between current carry parts and case
Electromagnetic compatibility EMC
EN 60947–5–2
Vibration resistance
Destruction: 10 to 70 Hz, 1,5 mm double amplitude for 1 hour each in X, Y and Z directions
Shock resistance
Destruction: 300 m/s@ (approx. 30 G) for 6 times each in X, Y and Z directions
Enclosure
rating
IP 67 (EN 60947–1)
Connection
Pre–wired
2 m PVC–cable, 3 x 0,14 mm@
2 m PVC–cable, 3 x 0,25 mm2
(see note 2)
Connector
M8 plug
M12 plug
Weight in g
Pre–wired
long
45
50
75
120
short
43
48
70
105
Connector
long
10
25
65
short
20
55
Material
Case
stainless steel 1.4305 / AISI 303
Sensing face
PBTP
Note:
1. For detailed mounting instruction please refer to page 11.
2. PUR cable and different length on request.


Similar Part No. - E2EL-X5E12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EL-X5E1 OMRON-E2EL-X5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2EL-X5E1-L OMRON-E2EL-X5E1-L Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2EL-X5E1-M1 OMRON-E2EL-X5E1-M1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2EL-X5E1-M1L OMRON-E2EL-X5E1-M1L Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
More results

Similar Description - E2EL-X5E12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com