Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM427 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AM427
Description  RATIOMETRISCHES TRANSMITTER-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM427 Datasheet(HTML) 9 Page - Analog Microelectronics

  AM427 Datasheet HTML 1Page - Analog Microelectronics AM427 Datasheet HTML 2Page - Analog Microelectronics AM427 Datasheet HTML 3Page - Analog Microelectronics AM427 Datasheet HTML 4Page - Analog Microelectronics AM427 Datasheet HTML 5Page - Analog Microelectronics AM427 Datasheet HTML 6Page - Analog Microelectronics AM427 Datasheet HTML 7Page - Analog Microelectronics AM427 Datasheet HTML 8Page - Analog Microelectronics AM427 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RATIOMETRISCHES TRANSMITTER–IC
AM427
analog microelectronics
April 99
9/9
LISTE DER EXTERNEN KOMPONENTEN
Symbol
Description
Value
Unit
T1*, T2
BCW68H, BC557C (or similar)
low drop, high
β at10mA
PNP
T3*
BC848C, BC548C
high
β at 5mA
NPN
D1*
BAT46, BAS40
low drop at 10 mA
R1
IBR = 1 mA
500
R2*
IOUTmax = 15 mA (push)
10
R3
Span (Gain adjustment)
500
R4
VOUT = R3 / (R3 + R4) G
1.5
k
R5*
IOUT = 5 mA (sink)
100
RS
typical transducer resistor
3.0 (typ.)
k
RTCS
TC span compensation
10 – 120
k
RO1, RO2
Offset adjustment
0 – 500
RTCO1, RTCO2
TC offset adjustment
0.1 – 10.0
M
C1
330
nF
C2
± 10%
4.7
nF
C3
± 10%
1.0
nF
* not needed in basic application (Figure 6)
TOPOLOGIE DER ANWENDUNG MIT SCHUTZFUNKTIONEN
R
2
T
1
C
1
R
1
R
O1
R
O2
R
TCS
R
TCO1
R
TCO2
R
S RS
R
S RS
16 15 14 13 12 11 10
1234567
9
8
AM427
N.C.
N.C.
Ground
T
3
R
5
D
1
V
OUT
T
2
C
2
R
3
R
4
V
S
C
3
Abbildung 7
Analog Microelectronics behält sich Änderungen von Abmessungen, technischen Daten und sonstigen Angaben ohne vorherige Ankündigung vor.
}


Similar Part No. - AM427

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Similar Description - AM427

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
   VOLTAGE TRANSMITTER IC
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
   RADIO CONTROL TRANSMITTER IC
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
   Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
   Wireless Power Transmitter IC
logo
Sanyo Semicon Device
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
   Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
   Infrared Remote Control Transmitter IC
logo
ATMEL Corporation
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Silicon Storage Technol...
SSTX4915 SST-SSTX4915 Datasheet
556Kb / 9P
   LOW POWER ASK TRANSMITTER IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
   Infrared Remote-Control Transmitter IC
logo
RF Micro Devices
RF2423 RFMD-RF2423 Datasheet
67Kb / 8P
   100mW SPREAD-SPECTRUM TRANSMITTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com