Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2028204 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2028204
Description  FUSES FOR SEMICONDUCTOR PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2028204 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2028204 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2028204 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2028204 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2028204 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2028204 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
URB
URB 15
FUSES
Electrical characteristics
Electrical Characteristics
A
4.96 ” (126 mm)
B
1.57 ” (40 mm)
C
0.50 ” (13 mm)
D
0.75 ” (19 mm)
E
3.15 ” (80 mm)
F
0.12 ” (3 mm)
G
1.73 ” (44 mm)
H
3.82 ” (97 mm)
I
0.26 ” (6,5 mm)
J
0.60 ” (15,5 mm)
K
0.63 ” (16 mm)
L
(max)
5.75 ” (146 mm)
MM 8
N
0.98 ” (25 mm)
Part No. 21 189 01
Rated Current: 400 A
Rated Power Acceptance: 34 W
Nut Torque: 22 Nm
Fuse Base
Size
Rated voltage
Standard
400 A
000 and 00
AC 1000 V
DIN 43653
Microswitch
Rated voltage
AC 250 V
Part No. 28 002 05
Rated voltage
Breaking capacity
non inductive Load
inductive Load
AC 250 V
5 A
5 A
Rated voltage
Breaking capacity
non inductive Load
inductive Load
(L/R = 25 ms)
DC 60 V
500 mA
200 mA
DC 24 V
2 A
2 A
GL-Microswitch
Top indicator
Fuse-link
600 V


Similar Part No. - 2028204

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2028 BOURNS-2028 Datasheet
187Kb / 2P
   2028 Series Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
logo
List of Unclassifed Man...
2028 ETC2-2028 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
2028 ETC2-2028 Datasheet
93Kb / 2P
   THREADED STANDOFFS
logo
Bourns Electronic Solut...
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
2028-23-A BOURNS-2028-23-A Datasheet
162Kb / 2P
   Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
More results

Similar Description - 2028204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com